Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F4580-E/ML Datasheet(PDF) 190 Page - Microchip Technology

Part # PIC18F4580-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-E/ML Datasheet(HTML) 190 Page - Microchip Technology

Back Button PIC18F4580-E/ML Datasheet HTML 186Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 187Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 188Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 189Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 190Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 191Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 192Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 193Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 194Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 490 page
background image
PIC18F2480/2580/4480/4580
DS39637D-page 190
© 2009 Microchip Technology Inc.
TABLE 17-3:
REGISTERS ASSOCIATED WITH ECCP1 MODULE AND TIMER1 TO TIMER3
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on Page:
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
55
RCON
IPEN
SBOREN
—
RI
TO
PD
POR
BOR
56
IPR1
PSPIP
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
58
PIR1
PSPIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
58
PIE1
PSPIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
58
IPR2
OSCFIP
CMIP(3)
—
EEIP
BCLIP
HLVDIP
TMR3IP ECCP1IP(3)
57
PIR2
OSCFIF
CMIF(3)
—
EEIF
BCLIF
HLVDIF
TMR3IF ECCP1IF(3)
58
PIE2
OSCFIE
CMIE(3)
—
EEIE
BCLIE
HLVDIE
TMR3IE ECCP1IE(3)
58
TRISB
PORTB Data Direction Register
58
TRISC
PORTC Data Direction Register
58
TRISD(1)
PORTD Data Direction Register
58
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
56
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
56
T1CON
RD16
T1RUN
T1CKPS1 T1CKPS0 T1OSCEN T1SYNC
TMR1CS
TMR1ON
56
TMR2
Timer2 Module Register
56
T2CON
—
T2OUTPS3 T2OUTPS2 T2OUTPS1 T2OUTPS0 TMR2ON T2CKPS1 T2CKPS0
56
PR2
Timer2 Period Register
56
TMR3L
Holding Register for the Least Significant Byte of the 16-bit TMR3 Register
57
TMR3H
Holding Register for the Most Significant Byte of the 16-bit TMR3 Register
57
T3CON
RD16
T3ECCP1(1) T3CKPS1 T3CKPS0 T3CCP1(1) T3SYNC
TMR3CS
TMR3ON
57
ECCPR1L(2)
Enhanced Capture/Compare/PWM Register 1 (LSB)
57
ECCPR1H(2) Enhanced Capture/Compare/PWM Register 1 (MSB)
57
ECCP1CON(2) EPWM1M1 EPWM1M0
EDC1B1
EDC1B0
ECCP1M3 ECCP1M2 ECCP1M1 ECCP1M0
57
ECCP1AS(2)
ECCPASE ECCPAS2 ECCPAS1 ECCPAS0
PSSAC1
PSSAC0 PSSBD1(2) PSSBD0(2)
57
ECCP1DEL(2)
PRSEN
PDC6(2)
PDC5(2)
PDC4(2)
PDC3(2)
PDC2(2)
PDC1(2)
PDC0(2)
57
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used during ECCP operation.
Note 1:
These bits are available on PIC18F4X80 devices only.
2:
These bits or registers are unimplemented in PIC18F2X80 devices; always maintain these bit clear.
3:
These bits are available on PIC18F4X80 and reserved on PIC18F2X80 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com