| Electronic Components Datasheet Search |
|
PIC18F23K22-I/SP Datasheet(PDF) 147 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-I/SP Datasheet(HTML) 147 Page - Microchip Technology |
|
147 / 492 page ![]() 2010 Microchip Technology Inc. Preliminary DS41412B-page 147 PIC18(L)F2X/4XK22 TABLE 10-11: PORTD I/O SUMMARY Pin Name Function TRIS Setting ANSEL setting Pin Type Buffer Type Description RD0/SCK2/SCL2/AN20 RD0 01 O DIG LATD<0> data output; not affected by analog input. 10 I ST PORTD<0> data input; disabled when analog input enabled. SCK2 01 O DIG MSSP2 SPI Clock output. 10 I ST MSSP2 SPI Clock input. SCL2 01 ODIG MSSP2 I2C™ Clock output. 10 II2C MSSP2 I2C™ Clock input. AN20 11 I AN Analog input 20. RD1/CCP4/SDI2/SDA2/ AN21 RD1 01 O DIG LATD<1> data output; not affected by analog input. 10 I ST PORTD<1> data input; disabled when analog input enabled. CCP4 01 O DIG Compare 4 output/PWM 4 output. 10 I ST Capture 4 input. SDI2 10 I ST MSSP2 SPI data input. SDA2 00 ODIG MSSP2 I2C™ data output. 10 II2C MSSP2 I2C™ data input. AN21 11 I AN Analog input 21. RD2/P2B/AN22 RD2 01 O DIG LATD<2> data output; not affected by analog input. 10 I ST PORTD<2> data input; disabled when analog input enabled. P2B(1) 01 O DIG Enhanced CCP2 PWM output 2. AN22 11 I AN Analog input 22. RD3/P2C/SS2/AN23 RD3 01 O DIG LATD<3> data output; not affected by analog input. 10 I ST PORTD<3> data input; disabled when analog input enabled. P2C 01 O DIG Enhanced CCP2 PWM output 4. SS2 10 I TTL MSSP2 SPI slave select input. AN23 11 I AN Analog input 23. RD4/P2D/SDO2/AN24 RD4 01 O DIG LATD<4> data output; not affected by analog input. 10 I ST PORTD<4> data input; disabled when analog input enabled. P2D 01 O DIG Enhanced CCP2 PWM output 3. SDO2 01 O DIG MSSP2 SPI data output. AN24 11 I AN Analog input 24. RD5/P1B/AN25 RD5 01 O DIG LATD<5> data output; not affected by analog input. 10 I ST PORTD<5> data input; disabled when analog input enabled. P1B 01 O DIG Enhanced CCP1 PWM output 2. AN25 I AN Analog input 25. Legend: AN = Analog input or output; TTL = TTL compatible input; HV = High Voltage; OD = Open Drain; XTAL = Crystal; CMOS = CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels; I2CTM = Schmitt Trigger input with I2C. Note 1: Default pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and CCP2MX are set. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |