Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Y-ConAS-27 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # Y-ConAS-27
Description  Accessories
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

Y-ConAS-27 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  Y-ConAS-27 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sockets and Connectors
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Y-ConAS-13
Part Number
Y-ConAS -12
Part Number
Y-ConAS-21
Part Number
Y-ConAS-22
Part Number
Y-ConAS-25
Part Number
Y-ConAS-26
Part Number
Y-ConAS-27
Part Number
Part Number
Y-ConAS-23
Part Number
Y-ConAS-24
Accessory for Y-ConCover-10-*
Features
IP67 protective transport cap
for Y-ConCover-10-*
Accessory for Y-ConCover-10-*
Features
IP67 cable seal for use with Y-ConCover-10-*
cable dia. of 6.8mm (+0.2)
Accessory for Y-ConCover-10-*
Features
IP67 cover terminator for use with Y-ConCover-10-*
cable dia. 5.0 to 7.0mm max.
Protective Transport Cap
Features
Protective cover for Y-ConFlange-10-*
with IP67 protection. Including seal
Screws
Features
Protective cover for Y-ConFlange-10-*
with IP67 protection. Including seal
Screws
Features
Posidrive screws, M3 thread
for use with Y-ConFlange-10-*
IP67 Blanking Cap
Features
Posidrive screws, M3 thread
for use with Y-ConFlange-10-*
IP20 Dummy Plug
Features
IP20 dummy plug for all RJ45 jacks
Protective Transport Cap
Features
IP20 protective transport cap for Y-ConPlug-**
Y-ConRJ45 Series
Accessories


Similar Part No. - Y-ConAS-27

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
Y-CONC-IE62S-CU2S-2000-E YAMAICHI-Y-CONC-IE62S-CU2S-2000-E Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
Y-CONC-IE62S-CU2S-2000-F YAMAICHI-Y-CONC-IE62S-CU2S-2000-F Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
logo
YAMAHA CORPORATION
Y-CONC-IE62S-CU2S-XXXX-E YAMAHA-Y-CONC-IE62S-CU2S-XXXX-E Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
Y-CONC-IE62S-CU2S-XXXX-F YAMAHA-Y-CONC-IE62S-CU2S-XXXX-F Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
logo
Yamaichi Electronics Co...
Y-CONC-IE62S-CU6P-2000-E YAMAICHI-Y-CONC-IE62S-CU6P-2000-E Datasheet
2Mb / 42P
   IP67/68/69K Protected Components
More results

Similar Description - Y-ConAS-27

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
logo
List of Unclassifed Man...
ADAPT1605 ETC2-ADAPT1605 Datasheet
47Kb / 1P
   Accessories
logo
Allen-Bradley
440A-A07265 ALLEN-BRADLEY-440A-A07265 Datasheet
181Kb / 5P
   Accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com