Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324J2T3 Datasheet(PDF) 142 Page - STMicroelectronics

Part # ST72F324J2T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J2T3 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ST72F324J2T3 Datasheet HTML 138Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 139Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 140Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 141Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 142Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 143Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 144Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 145Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 164 page
background image
ST72324Jx ST72324Kx
142/164
12.13 10-BIT ADC CHARACTERISTICS
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Notes:
1. Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than 10k
Ω). Data
based on characterization results, not tested in production.
2.For Flash devices: injecting negative current on any of the analog input pins significantly reduces the accuracy of any
conversion being performed on any analog input. Analog pins of ST72F324 devices can be protected against negative
injection by adding a Schottky diode (pin to ground). Injecting negative current on digital input pins degrades ADC accu-
racy especially if performed on a pin close to the analog input pins. Any positive injection current within the limits specified
for IINJ(PIN) and ΣIINJ(PIN) in Section 12.9 does not affect the ADC accuracy.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fADC
ADC clock frequency
0.4
2
MHz
VAREF
Analog reference voltage
0.7*VDD ≤VAREF ≤VDD
3.8
VDD
V
VAIN
Conversion voltage range 1)
VSSA
VAREF
Ilkg
Positive input leakage current for analog
input2)
-40°C
≤TA≤+85°C
±250
nA
+85°C
≤TA≤+125°C
±1
µA
RAIN
External input impedance
see
Figure 83
and
Figure
842)3)4)
k
Ω
CAIN
External capacitor on analog input
pF
fAIN
Variation freq. of analog input signal
Hz
CADC
Internal sample and hold capacitor
12
pF
tADC
Conversion time (Sample+Hold)
fCPU=8MHz, SPEED=0 fADC=2MHz
7.5
µs
tADC
- No of sample capacitor loading cycles
- No. of Hold conversion cycles
4
11
1/fADC
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com