Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F324J2T3 Datasheet(PDF) 150 Page - STMicroelectronics

Part # ST72F324J2T3
Description  5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F324J2T3 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button ST72F324J2T3 Datasheet HTML 146Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 147Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 148Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 149Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 150Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 151Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 152Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 153Page - STMicroelectronics ST72F324J2T3 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 164 page
background image
ST72324Jx ST72324Kx
150/164
14 ST72324 DEVICE CONFIGURATION AND ORDERING INFORMATION
14.1 FLASH OPTION BYTES
The option bytes allows the hardware configura-
tion of the microcontroller to be selected. They
have no address in the memory map and can be
accessed only in programming mode (for example
using a standard ST7 programming tool). The de-
fault content of the FLASH is fixed to FFh. To pro-
gram directly the FLASH devices using ICP,
FLASH devices are shipped to customers with the
internal RC clock source.
OPTION BYTE 0
OPT7= WDG HALT Watchdog reset on HALT
This option bit determines if a RESET is generated
when entering HALT mode while the Watchdog is
active.
0: No Reset generation when entering Halt mode
1: Reset generation when entering Halt mode
OPT6= WDG SW Hardware or software watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
OPT5 = Reserved, must be kept at default value.
OPT4:3= VD[1:0] Voltage detection
These option bits enable the voltage detection
block (LVD, and AVD) with a selected threshold for
the LVD and AVD.
Caution: If the medium or low thresholds are se-
lected, the detection may occur outside the speci-
fied operating voltage range. Below 3.8V, device
operation is not guaranteed. For details on the
AVD and LVD threshold levels refer to Section
12.4.1 on page 119
OPT2:1 = Reserved, must be kept at default value.
OPT0= FMP_R Flash memory read-out protection
Read-out protection, when selected, provides a
protection against Program Memory content ex-
traction and against write access to Flash memo-
ry.
Erasing the option bytes when the FMP_R option
is selected causes the whole user memory to be
erased first, and the device can be reprogrammed.
Refer to Section 7.3.1 on page 37 and the ST7
Flash Programming Reference Manual for more
details.
0: Read-out protection enabled
1: Read-out protection disabled
STATIC OPTION BYTE 0
70
STATIC OPTION BYTE 1
70
WDG
VD
OSCTYPE
OSCRANGE
10
1
0
2
10
Default
1
11
00
1
1
1
1
1
1
0
1
1
1
1
Selected Low Voltage Detector
VD1
VD0
LVD and AVD Off
1
1
Lowest Voltage Threshold (VDD~3V)
1
0
Medium Voltage Threshold (VDD~3.5V)
0
1
Highest Voltage Threshold (VDD~4V)
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com