Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC912XDP512F0CFVR Datasheet(PDF) 636 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 636 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 632Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 633Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 634Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 635Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 636Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 637Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 638Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 639Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 640Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 636 / 1348 page
background image
Chapter 17 Memory Mapping Control (S12XMMCV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
636
Freescale Semiconductor
When the device is operating in expanded modes except emulation single-chip mode, accesses to the
global addresses which are not occupied by the on-chip resources (unimplemented areas or external space)
result in accesses to the external bus (see Figure 17-23).
In emulation single-chip mode, accesses to the global addresses which are not occupied by the on-chip
resources (unimplemented areas) result in accesses to the external bus. CPU accesses to the global
addresses which are occupied by the external space result in an illegal access reset (system reset). The
BDM accesses to the external space are performed but the data is undefined.
In single-chip modes an access to any of the unimplemented areas (see Figure 17-23) by the CPU (except
firmware commands) results in an illegal access reset (system reset). The BDM accesses to the
unimplemented areas are performed but the data is undefined.
Misaligned word accesses to the last location (Top address) of any of the on-chip resource blocks (except
RAM) by the CPU is performed in expanded modes. In single-chip modes these accesses (except Flash)
result in an illegal access reset (except firmware commands).
Misaligned word accesses to the last location (top address) of the on-chip RAM by the CPU is ignored in
expanded modes (read of undefined data). In single-chip modes these accesses result in an illegal access
reset (except firmware commands).
No misaligned word access from the BDM module will occur. These accesses are blocked in the BDM
(Refer to BDM Block Guide).
Misaligned word accesses to the last location of any global page (64 Kbyte) by using global instructions,
is performed by accessing the last byte of the page and the first byte of the same page, considering the
above mentioned misaligned access cases.
The non internal resources (unimplemented areas or external space) are used to generate the chip selects
(CS0,CS1,CS2 and CS3) (see Figure 17-23), which are only active in normal expanded mode, emulation
expanded mode, and special test mode (see Section 1.3.2.1, “MMC Control Register (MMCCTL0)”).
Table 1-21 shows the address boundaries of each chip select and the relationship with the implemented
resources (internal) parameters.
Table 17-20. Global Chip Selects Memory Space
Chip Selects
Bottom Address
Top Address
CS3
$00_0800
$0F_FFFF minus RAMSIZE1
1 External RPAGE accesses in (NX, EX and ST)
CS2
$10_0000
$13_FFFF minus EEPROMSIZE2
2 External EPAGE accesses in (NX, EX and ST)
CS23
3 When ROMHM is set (see ROMHM in Table 1-19) the CS2 is asserted in the space occupied by this on-chip
memory block.
$14_0000
$1F_FFFF
CS1
$20_0000
$3F_FFFF
CS04
4 When the internal NVM is enabled (see ROMON in Section 1.3.2.5, “MMC Control Register (MMCCTL1)”)
the CS0 is not asserted in the space occupied by this on-chip memory block.
$40_0000
$7F_FFFF minus FLASHSIZE5
5 External PPAGE accesses in (NX, EX and ST)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com