Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 1340 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1340 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1336Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1337Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1338Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1339Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1340Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1341Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1342Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1343Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1344Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1340 / 1348 page
background image
Appendix G Detailed Register Map
MC9S12XDP512 Data Sheet, Rev. 2.21
1342
Freescale Semiconductor
0x02F8–0x02FF Reserved
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x02F8–
0x02FF
Reserved
R
0
0000000
W
0x0300–0x0327 Pulse Width Modulator 8-Bit 8-Channel (PWM) Map
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0300
PWME
R
PWME7
PWME6
PWME5
PWME4
PWME3
PWME2
PWME1
PWME0
W
0x0301
PWMPOL
R
PPOL7
PPOL6
PPOL5
PPOL4
PPOL3
PPOL2
PPOL1
PPOL0
W
0x0302
PWMCLK
R
PCLK7
PCLK6
PCLK5
PCLK4
PCLK3
PCLK2
PCLK1
PCLK0
W
0x0303
PWMPRCLK
R0
PCKB2
PCKB1
PCKB0
0
PCKA2
PCKA1
PCKA0
W
0x0304
PWMCAE
R
CAE7
CAE6
CAE5
CAE4
CAE3
CAE2
CAE1
CAE0
W
0x0305
PWMCTL
R
CON67
CON45
CON23
CON01
PSWAI
PFRZ
00
W
0x0306
PWMTST
Test Only
R
0
0000000
W
0x0307
PWMPRSC
R
0
0000000
W
0x0308
PWMSCLA
R
Bit 7
6
5
4
3
2
1
Bit 0
W
0x0309
PWMSCLB
R
Bit 7
6
5
4
3
2
1
Bit 0
W
0x030A
PWMSCNTA
R
0
0000000
W
0x030B
PWMSCNTB
R
0
0000000
W
0x030C
PWMCNT0
R
Bit 7
6
5
4
3
2
1
Bit 0
W
0
0000000
0x030D
PWMCNT1
R
Bit 7
654321
Bit 0
W
0
0000000
0x030E
PWMCNT2
R
Bit 7
654321
Bit 0
W
0
0000000
0x030F
PWMCNT3
R
Bit 7
654321
Bit 0
W
0
0000000
0x0310
PWMCNT4
R
Bit 7
654321
Bit 0
W
0
0000000
0x0311
PWMCNT5
R
Bit 7
654321
Bit 0
W
0
0000000
0x0312
PWMCNT6
R
Bit 7
654321
Bit 0
W
0
0000000
0x0313
PWMCNT7
R
Bit 7
654321
Bit 0
W
0
0000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com