Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H-14 Datasheet(PDF) 1 Page - Tyco Electronics

Part # H-14
Description  Make & Break Load Switching
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

H-14 Datasheet(HTML) 1 Page - Tyco Electronics

  H-14 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features:
Features:
44
CII Technologies / P.O. Box 4422 / Santa Barbara, CA 93140 / ph 805.684.4560 / fax 805.684.9679 / e-mail info@kilovac.com / website www.ciitech.com
Kilovac H-14 Make & Break Load Switching
• 12 kV rating; isolates 5 kV at 32 MHz
• Vacuum dielectric for power switching low
current loads
• Double pole, double throw contacts
• Widely used as a transmit/receive switch
• Meets requirements of MIL-R-83725
Kilovac H-16 Make & Break Load Switching
Part Number
Contact Arrangement ..........................................................
Contact Form ........................................................................
Test Voltage (dc or 60Hz) ...................................................
Rated Operating Voltage .....................................................
dc or 60 Hz .....................................................................
2.5 MHz ...........................................................................
16 MHz ............................................................................
32 MHz ............................................................................
Continuous Carry Current , Maximum
dc or 60 Hz .....................................................................
2.5 MHz ...........................................................................
16 MHz ............................................................................
32 MHz ............................................................................
Coil Hi-Pot (V RMS, 60 Hz) ...........................................
Contact Capacitance ............................................................
Between Open Contacts .................................................
Open Contacts to Ground ..............................................
Contact Resistance, Maximum ...........................................
Operate Time, Maximum .....................................................
Release Time, Maximum .....................................................
Shock, 11 ms 1/2 Sine ........................................................
Vibration, 10 G’s Peak .........................................................
Operating Ambient Temperature Range ............................
Mechanical Life (Operations x 106) ....................................
Weight, Nominal ..................................................................
COIL DATA
26.5
16
1 - 10
120
Nominal, Volts dc
Pickup, Volts dc, Maximum
Drop-Out, Volts dc
Coil Resistance (Ohms ±10%)
115
80
5 - 50
2000
12
8
.5 - 5
24
PRODUCT SPECIFICATIONS
• Double pole, double throw contacts
• Vacuum dielectric for power switching low
current loads
• 30 Amps DC continuous current rating
• Corona shield high voltage terminals available
• Meets requirements of MIL-R-83725
Ratings listed are for 25°C, sea level conditions
PART NUMBER SELEC-
TI
ON
Sample Part No.
H
14 /12Vdc
Model
14
16
Coil Voltage
Blank = 26.5 Vdc
/12Vdc = 12 Vdc
/115Vdc = 115 Vdc
PART NUMBER SELEC-
PART NUMBER SELECTION
12 kV 
Units
kV Peak
kV Peak
Amps
pF
ohms
ms
ms
Peak G's
Hz
o
C
Cycles
oz.
H-14
H-16
DPDT
DPDT
2C
2C
15
15
12
12
10
10
88
55
30
30
15
10
10
6
84
500
500
11
2.5
2.5
0.015
0.03
20
20
20
20
20
20
55-500
55-500
-55 to +125
-55 to +125
1
0.5
86


Similar Part No. - H-14

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
H-14 TEC-H-14 Datasheet
277Kb / 1P
   n Double pole, double throw contacts
More results

Similar Description - H-14

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
H-23 MACOM-H-23 Datasheet
239Kb / 1P
   Make & Break Load Switching
logo
List of Unclassifed Man...
EV200 ETC-EV200 Datasheet
156Kb / 2P
   Make & Break Load Switching
logo
Tyco Electronics
H-26 MACOM-H-26 Datasheet
268Kb / 1P
   Make & Break Load Switching
HC-1 MACOM-HC-1 Datasheet
368Kb / 1P
   Make & Break Load Switching
H-18 MACOM-H-18 Datasheet
257Kb / 1P
   Make & Break Load Switching
H-19 MACOM-H-19 Datasheet
428Kb / 1P
   Make & Break Load Switching
HC-2 MACOM-HC-2 Datasheet
345Kb / 1P
   Make & Break Load Switching
logo
List of Unclassifed Man...
K81C ETC1-K81C Datasheet
291Kb / 1P
   Make & Break Load Switching
logo
TE Connectivity Ltd
PD10 TEC-PD10 Datasheet
185Kb / 1P
   PD10 Make & Break Load Switching
K44P TEC-K44P Datasheet
121Kb / 1P
   K44P Make & Break Load Switching-8 kV Relays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com