Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M-1130T Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # M-1130T
Description  Krimptite??Quick Disconnect, Female, for 24-26 (0.20-0.12) Wire, Mylar Tape, Tab2.79mm (.110
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

M-1130T Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  M-1130T Datasheet HTML 1Page - Molex Electronics Ltd. M-1130T Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190160076
Status:
Active
Description:
Krimptite™ Quick Disconnect, Female, for 24-26 (0.20-0.12) Wire, Mylar Tape, Tab
2.79mm (.110") x 0.51mm (.020")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Quick Disconnects
Series
19016
Comments
Butted Seam
Crimp Quality Equipment
Yes
Product Name
Krimptite™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Gender
Female
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Orientation
Straight
Packaging Type
Adhesive Tape on Reel
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to Mating Part
No
Tab Thickness
0.51mm (.020")
Tab Width
2.79mm (.110")
Temperature Range - Operating
Per Wire Specification
Termination Interface: Style
Crimp or Compression
Wire Size AWG
24, 26
Wire Size mm²
0.12 - 0.20
Electrical
Voltage - Maximum
Per Wire Specification
Material Info
Old Part Number
M-1130T
Reference - Drawing Numbers
Sales Drawing
SD-19016-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19016Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
ATP Perishable
Tool Kit used in ATP
presses that process
product on tape
0190270178
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - M-1130T

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
M-1130 MOLEX4-M-1130 Datasheet
94Kb / 2P
   Krimptite??Quick Disconnect, Female, for 24-26 (0.20-0.12) Wire, Box, Tab 2.79mm(.110") x 0.51mm (.020")
More results

Similar Description - M-1130T

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190160099 MOLEX4-0190160099 Datasheet
115Kb / 2P
   Krimptite??Quick Disconnect, Female, for 24-26 (0.20-0.12) Wire
0190160100 MOLEX4-0190160100 Datasheet
114Kb / 2P
   Krimptite??Quick Disconnect, Female, for 24-26 (0.20-0.12) Wire, Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
0190160004 MOLEX4-0190160004 Datasheet
102Kb / 2P
   Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab2.79mm (.110
0190160075 MOLEX4-0190160075 Datasheet
94Kb / 2P
   Krimptite??Quick Disconnect, Female, for 24-26 (0.20-0.12) Wire, Box, Tab 2.79mm(.110") x 0.51mm (.020")
0190180047 MOLEX4-0190180047 Datasheet
137Kb / 2P
   VibraKrimp??Quick Disconnect, Female, for 24-26 (0.20-0.12) Wire, Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
0190030070 MOLEX4-0190030070 Datasheet
223Kb / 3P
   InsulKrimp??Quick Disconnect, Female, for 24-26 (0.20-0.12), Mylar Tape, Tab4.75mm (.187") x 0.81mm (.032")
0190030067 MOLEX4-0190030067 Datasheet
223Kb / 3P
   InsulKrimp??Quick Disconnect, Female, for 24-26 (0.20-0.12), Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
0190030073 MOLEX4-0190030073 Datasheet
223Kb / 3P
   InsulKrimp??Quick Disconnect, Female, for 24-26 (0.20-0.12), Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
0190160002 MOLEX4-0190160002 Datasheet
102Kb / 2P
   Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab2.79mm (.110") x 0.51mm (.020")
0190160038 MOLEX4-0190160038 Datasheet
94Kb / 2P
   Krimptite??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Mylar Tape, Tab2.79mm (.110") x 0.81mm (.032")
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com