Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M-1130T Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # M-1130T
Description  Krimptite??Quick Disconnect, Female, for 24-26 (0.20-0.12) Wire, Mylar Tape, Tab2.79mm (.110
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

M-1130T Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  M-1130T Datasheet HTML 1Page - Molex Electronics Ltd. M-1130T Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - M-1130T

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
M-1130 MOLEX4-M-1130 Datasheet
94Kb / 2P
   Krimptite??Quick Disconnect, Female, for 24-26 (0.20-0.12) Wire, Box, Tab 2.79mm(.110") x 0.51mm (.020")
More results

Similar Description - M-1130T

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190160099 MOLEX4-0190160099 Datasheet
115Kb / 2P
   Krimptite??Quick Disconnect, Female, for 24-26 (0.20-0.12) Wire
0190160100 MOLEX4-0190160100 Datasheet
114Kb / 2P
   Krimptite??Quick Disconnect, Female, for 24-26 (0.20-0.12) Wire, Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
0190160004 MOLEX4-0190160004 Datasheet
102Kb / 2P
   Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab2.79mm (.110
0190160075 MOLEX4-0190160075 Datasheet
94Kb / 2P
   Krimptite??Quick Disconnect, Female, for 24-26 (0.20-0.12) Wire, Box, Tab 2.79mm(.110") x 0.51mm (.020")
0190180047 MOLEX4-0190180047 Datasheet
137Kb / 2P
   VibraKrimp??Quick Disconnect, Female, for 24-26 (0.20-0.12) Wire, Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
0190030070 MOLEX4-0190030070 Datasheet
223Kb / 3P
   InsulKrimp??Quick Disconnect, Female, for 24-26 (0.20-0.12), Mylar Tape, Tab4.75mm (.187") x 0.81mm (.032")
0190030067 MOLEX4-0190030067 Datasheet
223Kb / 3P
   InsulKrimp??Quick Disconnect, Female, for 24-26 (0.20-0.12), Mylar Tape, Tab4.75mm (.187") x 0.51mm (.020")
0190030073 MOLEX4-0190030073 Datasheet
223Kb / 3P
   InsulKrimp??Quick Disconnect, Female, for 24-26 (0.20-0.12), Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
0190160002 MOLEX4-0190160002 Datasheet
102Kb / 2P
   Krimptite??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab2.79mm (.110") x 0.51mm (.020")
0190160038 MOLEX4-0190160038 Datasheet
94Kb / 2P
   Krimptite??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Mylar Tape, Tab2.79mm (.110") x 0.81mm (.032")
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com