Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G-975-38 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # G-975-38
Description  NylaKrimp??Funnel Entry Ring Tongue Terminal for 2 AWG Wire, Stud #9
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

G-975-38 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  G-975-38 Datasheet HTML 1Page - Molex Electronics Ltd. G-975-38 Datasheet HTML 2Page - Molex Electronics Ltd. G-975-38 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190670097
Status:
Active
Description:
NylaKrimp™ Funnel Entry Ring Tongue Terminal for 2 AWG Wire, Stud #9
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19067
Comments
Type II Insulated; Class 2
Crimp Quality Equipment
Yes
Mil-Spec
AS25036-127, MS25036-127
Product Name
NylaKrimp™
Type
Ring
Physical
Barrel Type
Closed - Brazed
Flammability
94V-0
Insulation
Nylon (PA)
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
3/8" (M9)
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
15.24mm (.600") max.
Wire Size AWG
2
Material Info
Old Part Number
G-975-38
Reference - Drawing Numbers
Sales Drawing
SD-19067-005
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19067Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192890010
Putt Pump Dieless
Head System
0192860065
Hand Crimp Tool
0640013900
This document was generated on 06/08/2010


Similar Part No. - G-975-38

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
G-975-10 MOLEX4-G-975-10 Datasheet
75Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 2 AWG Wire
G-975-14 MOLEX4-G-975-14 Datasheet
75Kb / 2P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 2 AWG Wire, Stud #6
G-975-56 MOLEX4-G-975-56 Datasheet
75Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 2 AWG Wire, Stud 5/16
More results

Similar Description - G-975-38

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190670092 MOLEX4-0190670092 Datasheet
77Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 2 AWG Wire, Stud #9
0190670111 MOLEX4-0190670111 Datasheet
77Kb / 2P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 2/0 AWG Wire, Stud #9
0190670078 MOLEX4-0190670078 Datasheet
85Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 4 AWG Wire, Stud #9
0190670052 MOLEX4-0190670052 Datasheet
83Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 6 AWG Wire, Stud #9
0190670022 MOLEX4-0190670022 Datasheet
155Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #9
0190670130 MOLEX4-0190670130 Datasheet
77Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 2 AWG Wire, Stud #16
0190670096 MOLEX4-0190670096 Datasheet
75Kb / 2P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 2 AWG Wire, Stud #6
0190670100 MOLEX4-0190670100 Datasheet
74Kb / 2P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 2 AWG Wire, Stud #16
0190670094 MOLEX4-0190670094 Datasheet
77Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 2 AWG Wire, Stud #11
0190670093 MOLEX4-0190670093 Datasheet
77Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 2 AWG Wire, Stud #8
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com