Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N-07-50-9-M-LC Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # N-07-50-9-M-LC
Description  185.42mm (7.300") Natural Cable Tie, 50 Pound Tensile Strength, 1000/Bag
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

N-07-50-9-M-LC Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  N-07-50-9-M-LC Datasheet HTML 1Page - Molex Electronics Ltd. N-07-50-9-M-LC Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192520145
Status:
Active
Overview:
wire_management_products
Description:
185.42mm (7.300") Natural Cable Tie, 50 Pound Tensile Strength, 1000/Bag
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Accessories
Series
19252
Application Tooling Part Link
192940002
Comments
Maximum bundle diameter = 50.8mm (2.00").
Engineering Number N-07-50-9-M-LC
Component Type
Cable Tie
Overview
wire_management_products
Product Name
N/A
Physical
Circuits (Loaded)
N/A
Lock to Mating Part
None
Packaging Type
Bag
Temperature Range - Operating
105°C
Material Info
Old Part Number
N-07-50-9-M-LC
Reference - Drawing Numbers
Sales Drawing
SD-19252-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19252Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
ServiceGrade™
Economy Cable Tie
Tool
0192940002
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - N-07-50-9-M-LC

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
N-07-50-0-C-LC MOLEX4-N-07-50-0-C-LC Datasheet
76Kb / 2P
   185.42mm (7.300") UV Black Cable Tie, 50 Pound Tensile Strength, 100/Bag
N-07-50-0-M-LC MOLEX4-N-07-50-0-M-LC Datasheet
76Kb / 2P
   185.42mm (7.300") UV Black Cable Tie, 50 Pound Tensile Strength, 1000/Bag
N-07-50-MH-0-M-LC MOLEX4-N-07-50-MH-0-M-LC Datasheet
76Kb / 2P
   203.20mm (8.000") UV Black Cable Tie, 50 Pound Tensile Strength, #10 Mounting1000/Bag
N-07-50-MH-9-M-LC MOLEX4-N-07-50-MH-9-M-LC Datasheet
76Kb / 2P
   203.20mm (8.000") Natural Cable Tie, 50 Pound Tensile Strength, #10 Mounting Hole1000/Bag
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com