Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F720-I/ML Datasheet(PDF) 233 Page - Microchip Technology

Part # PIC16F720-I/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F720-I/ML Datasheet(HTML) 233 Page - Microchip Technology

Back Button PIC16F720-I/ML Datasheet HTML 229Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 230Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 231Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 232Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 233Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 234Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 235Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 236Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 237Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 233
PIC16F/LF720/721
APPENDIX A:
DATA SHEET
REVISION HISTORY
Revision A (September 2010)
Original release of this document.
APPENDIX B:
MIGRATING FROM
OTHER PIC®
DEVICES
This shows a comparison of features in the migration
from another PIC® device, the PIC16F722, to the
PIC16F720 device.
B.1
PIC16F722 to PIC16F720
TABLE B-1:
FEATURE COMPARISON
Feature
PIC16F722
PIC16F720
Max. Operating Speed
20 MHz
20 MHz
Max. Program
Memory (Words)
2K
2K
Max. SRAM (Bytes)
128
128
A/D Resolution
8-bit
8-bit
Timers (8/16-bit)
2/1
2/1
Oscillator Modes
8
8
Brown-out Reset
Y
Y
Internal Pull-ups
RB<7:4>
RB<7:4>
Interrupt-on-change
RB<7:0>
RB<7:4>
Comparator
0
0
AUSART
Y
Y
Extended WDT
N
N
Software Control
Option of WDT/BOR
NN
INTOSC Frequencies
500 kHz -
16 MHz
500 kHz -
16 MHz
Clock Switching
N
N
Note:
This device has been designed to perform
to the parameters of its data sheet. It has
been tested to an electrical specification
designed to determine its conformance
with these parameters. Due to process dif-
ferences in the manufacture of this device,
this device may have different perfor-
mance characteristics than its earlier ver-
sion. These differences may cause this
device to perform differently in your appli-
cation than the earlier version of this
device.
Note:
The user should verify that the device
oscillator
starts
and
performs
as
expected. Adjusting the loading capacitor
values and/or the oscillator mode may be
required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com