Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F720-I/ML Datasheet(PDF) 161 Page - Microchip Technology

Part # PIC16F720-I/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F720-I/ML Datasheet(HTML) 161 Page - Microchip Technology

Back Button PIC16F720-I/ML Datasheet HTML 157Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 158Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 159Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 160Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 161Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 162Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 163Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 164Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 161
PIC16F/LF720/721
18.0
FLASH PROGRAM MEMORY
SELF READ/SELF WRITE
CONTROL
The Flash Program Memory is readable and writable
during normal operation of the device. This memory is
not directly mapped in the register file space. Instead,
it is indirectly addressed through the Special Function
Registers. There are six SFRs used to read/write this
memory:
•PMCON1
•PMCON2
•PMDATL
•PMDATH
• PMADRL
• PMADRH
When interfacing the program memory block, the
PMDATL and PMDATH registers form a two byte word
which holds the 14-bit program data for reading, and
the PMADRL and PMADRH registers form a two byte
word which holds the 13-bit address of the program
Flash location being accessed. These devices have 2K
to 4K words of program memory with an address range
from 0000h to 0FFFh.
Devices without a full map of memory will shadow
accesses to unused blocks back to the implemented
memory.
18.1
Program Memory Read Operation
To read a program memory location, the user must
write two bytes of the address to the PMADRH and
PMADRL
registers,
then
set
control
bit
RD
(PMCON1<0>). Once the read control bit is set, the
Program Memory Read (PMR) controller uses the two
instruction cycles to read the data. This causes the two
instructions immediately following the ‘BSF PMCON1,
RD’ instruction to be ignored.
The data is available in the third cycle, following the set
of the RD bit, in the PMDATH and PMDATL registers.
PMDATL and PMDATH registers will hold this value
until another read is executed. See Example 18-1 and
Figure 18-1 for more information.
EXAMPLE 18-1:
FLASH PROGRAM MEMORY READ
Note:
Interrupts must be disabled during the
time from setting PMCON1<0> (RD) to
the third instruction thereafter.
* This code block will read 1 word of program
* memory at the memory address:
PROG_ADDR_HI: PROG_ADDR_LO
*
data will be returned in the variables;
*
PROG_DATA_HI, PROG_DATA_LO
BANKSEL
PMADRL
; Select Bank 2
MOVLW
PROG_ADDR_LO
;
MOVWF
PMADRL
; Store LSB of address
MOVLW
PROG_ADDR_HI
;
MOVWL
PMADRH
; Store MSB of address
BANKSEL
PMCON1
; Select Bank 3
BCF
INTCON,GIE
; Disable interrupts
BSF
PMCON1,RD
; Initiate read
NOP
; Ignored (Figure 18-1)
NOP
; Ignored (Figure 18-1)
BSF
INTCON,GIE
; Restore interrupts
BANKSEL
PMDATL
; Select Bank 2
MOVF
PMDATL,W
; Get LSB of word
MOVWF
PROG_DATA_LO
; Store in user location
MOVF
PMDATH,W
; Get MSB of word
MOVWF
PROG_DATA_HI
; Store in user location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com