Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F720-I/ML Datasheet(PDF) 190 Page - Microchip Technology

Part # PIC16F720-I/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F720-I/ML Datasheet(HTML) 190 Page - Microchip Technology

Back Button PIC16F720-I/ML Datasheet HTML 186Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 187Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 188Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 189Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 190Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 191Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 192Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 193Page - Microchip Technology PIC16F720-I/ML Datasheet HTML 194Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 244 page
background image
PIC16F/LF720/721
DS41430A-page 190
 2010 Microchip Technology Inc.
23.2
DC Characteristics: PIC16F/LF720/721-I/E (Industrial, Extended)
PIC16LF720/721
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
PIC16F720/721
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Device
Characteristics
Min.
Typ†
Max.
Units
Conditions
VDD
Note
Supply Current (IDD)(1, 2)
D013
—
125
180
A1.8
FOSC = 1 MHz
EC Oscillator mode
—
230
270
A3.0
D013
—
150
205
A
1.8
FOSC = 1 MHz
EC Oscillator mode
—
225
320
A
3.0
—
250
410
A
5.0
Supply Current (IDD)(1, 2)
D014
—
290
330
A1.8
FOSC = 4 MHz
EC Oscillator mode
—
460
500
A3.0
D014
—
300
430
A
1.8
FOSC = 4 MHz
EC Oscillator mode
—
450
655
A
3.0
—
500
730
A
5.0
D015
—
100
130
A1.8
FOSC = 500 kHz
MFINTOSC mode
—
120
150
A3.0
D015
—
115
195
A
1.8
FOSC = 500 kHz
MFINTOSC mode
—
135
200
A
3.0
—
150
220
A
5.0
D016
—
650
800
A1.8
FOSC = 8 MHz
HFINTOSC mode
—
1000
1200
A3.0
D016
—
625
850
A
1.8
FOSC = 8 MHz
HFINTOSC mode
—
1000
1200
A
3.0
—
1100
1500
A
5.0
D017
—
1.0
1.2
mA
1.8
FOSC = 16 MHz
HFINTOSC mode
—
1.5
1.85
mA
3.0
D017
—
1
1.2
mA
1.8
FOSC = 16 MHz
HFINTOSC mode
—
1.5
1.7
mA
3.0
—
1.7
2.1
mA
5.0
Note
1:
The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave, from
rail-to-rail (except for INTOSC mode); all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin loading
and switching rate, oscillator type, internal code execution pattern and temperature, also have an impact on the current
consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com