Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F720-MV/ML Datasheet(PDF) 117 Page - Microchip Technology

Part # PIC16F720-MV/ML
Description  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F720-MV/ML Datasheet(HTML) 117 Page - Microchip Technology

Back Button PIC16F720-MV/ML Datasheet HTML 113Page - Microchip Technology PIC16F720-MV/ML Datasheet HTML 114Page - Microchip Technology PIC16F720-MV/ML Datasheet HTML 115Page - Microchip Technology PIC16F720-MV/ML Datasheet HTML 116Page - Microchip Technology PIC16F720-MV/ML Datasheet HTML 117Page - Microchip Technology PIC16F720-MV/ML Datasheet HTML 118Page - Microchip Technology PIC16F720-MV/ML Datasheet HTML 119Page - Microchip Technology PIC16F720-MV/ML Datasheet HTML 120Page - Microchip Technology PIC16F720-MV/ML Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 244 page
background image
 2010 Microchip Technology Inc.
DS41430A-page 117
PIC16F/LF720/721
TABLE 15-6:
SUMMARY OF REGISTERS ASSOCIATED WITH PWM
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
ANSELB
—
—
ANSB5
ANSB4
—
—
—
—
--11 ----
--11 ----
CCP1CON
—
—
DC1
B1
CCP1M3
CCP1M2
CCP1M1
CCP1M0
--00 0000
--00 0000
CCPR1L
Capture/Compare/PWM Register Low Byte
xxxx xxxx
uuuu uuuu
CCPR1H
Capture/Compare/PWM Register High Byte
xxxx xxxx
uuuu uuuu
PR2
Timer2 module Period Register
1111 1111
1111 1111
T2CON
—
TOUTPS3
TOUTPS2
TOUTPS1
TOUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
-000 0000
TMR2
Timer2 module Register
0000 0000
0000 0000
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
—
—
—
—
1111 ----
1111 ----
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
1111 1111
1111 1111
Legend:
-
= Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the PWM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com