Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16F1825 Datasheet(PDF) 204 Page - Microchip Technology

Part # 16F1825
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F1825 Datasheet(HTML) 204 Page - Microchip Technology

Back Button 16F1825 Datasheet HTML 200Page - Microchip Technology 16F1825 Datasheet HTML 201Page - Microchip Technology 16F1825 Datasheet HTML 202Page - Microchip Technology 16F1825 Datasheet HTML 203Page - Microchip Technology 16F1825 Datasheet HTML 204Page - Microchip Technology 16F1825 Datasheet HTML 205Page - Microchip Technology 16F1825 Datasheet HTML 206Page - Microchip Technology 16F1825 Datasheet HTML 207Page - Microchip Technology 16F1825 Datasheet HTML 208Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 206
Preliminary
 2010 Microchip Technology Inc.
TABLE 22-1:
SUMMARY OF REGISTERS ASSOCIATED WITH TIMER2/4/6
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CCP2CON
P2M1
P2M0
DC2B1
DC2B0
CCP2M3 CCP2M2 CCP2M1
CCP2M0
240
CCP4CON
—
—
DC4B1
DC4B0
CCP4M3 CCP4M2 CCP4M1
CCP4M0
240
CCP6CON
—
—
DC6B1
DC6B0
CCP6M3 CCP6M2 CCP6M1
CCP6M0
240
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
93
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
94
PIE3
—
—
CCP4IE
CCP3IE
TMR6IE
—TMR4IE
—96
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
98
PIR3
—
—
CCP4IF
CCP3IF
TMR6IF
—TMR4IF
—
100
PR2
Timer2 Module Period Register
203*
PR4
Timer4 Module Period Register
203*
PR6
Timer6 Module Period Register
203*
T2CON
—
T2OUTPS<3:0>
TMR2ON T2CKPS1 T2CKPS0
205
T4CON
—
T4OUTPS<3:0>
TMR4ON T4CKPS1 T4CKPS0
205
T6CON
—
T6OUTPS<3:0>
TMR6ON T6CKPS1 T6CKPS0
205
TMR2
Holding Register for the 8-bit TMR2 Register
203*
TMR4
Holding Register for the 8-bit TMR4 Register(1)
203*
TMR6
Holding Register for the 8-bit TMR6 Register(1)
203*
Legend: — = unimplemented location, read as ‘0’. Shaded cells are not used for Timer2/4/6 module.
* Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com