Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/57 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # M16C/57
Description  RENESAS MCU
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/57 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button M16C/57 Datasheet HTML 98Page - Renesas Technology Corp M16C/57 Datasheet HTML 99Page - Renesas Technology Corp M16C/57 Datasheet HTML 100Page - Renesas Technology Corp M16C/57 Datasheet HTML 101Page - Renesas Technology Corp M16C/57 Datasheet HTML 102Page - Renesas Technology Corp M16C/57 Datasheet HTML 103Page - Renesas Technology Corp M16C/57 Datasheet HTML 104Page - Renesas Technology Corp M16C/57 Datasheet HTML 105Page - Renesas Technology Corp M16C/57 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 102 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
J-Version, VCC = 5 V
Timing Requirements
(VCC = 5 V, VSS = 0 V, at Topr = −40°C to 85°C unless otherwise specified)
5.2.2.9
Serial bus interface
Note:
1.
1 tCYC is 1/f1 (s).
Table 5.31
Serial Bus Interface
Symbol
Characteristic
Measurement
condition
Value
Unit
Min.
Typ.
Max.
tc(SSCK)
SSCK clock cycle time
250
ns
tw(SSCKH)
SSCK clock high pulse width
0.4
0.6
tc(SSCK)
tw(SSCKL)
SSCK clock low pulse width
0.4
0.6
tc(SSCK)
tr(SSCK)
SSCK clock rising time
Master
1
tCYC (1)
Slave
1
μs
tf(SSCK)
SSCK clock falling time
Master
1
tCYC (1)
Slave
1
μs
tsu(SSIO-SSCK) SSO, SSI data input setup time
100
ns
th(SSCK-SSIO) SSO, SSI data input hold time
1
tCYC (1)
tsu(SCS-SSCK) SCS setup time
Slave
1 tCYC + 50 (1)
ns
th(SSCK-SCS)
SCS hold time
Slave
1 tCYC + 50 (1)
ns
td(SSCK-SSIO) SS0, SSI data output delay time
1
tCYC (1)
ten(SCS-SSI)
SSI output enable time
3.0 V
≤ V
CC ≤ 5.5 V
1.5 tCYC + 100 (1)
ns
tdis(SCS-SSI)
SSI output disable time
3.0 V
≤ V
CC ≤ 5.5 V
1.5 tCYC + 100 (1)
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com