Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/57 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # M16C/57
Description  RENESAS MCU
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/57 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button M16C/57 Datasheet HTML 103Page - Renesas Technology Corp M16C/57 Datasheet HTML 104Page - Renesas Technology Corp M16C/57 Datasheet HTML 105Page - Renesas Technology Corp M16C/57 Datasheet HTML 106Page - Renesas Technology Corp M16C/57 Datasheet HTML 107Page - Renesas Technology Corp M16C/57 Datasheet HTML 108Page - Renesas Technology Corp M16C/57 Datasheet HTML 109Page - Renesas Technology Corp M16C/57 Datasheet HTML 110Page - Renesas Technology Corp M16C/57 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 107 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
J-Version, VCC = 3 V
Note:
1.
This indicates the memory in which the program to be executed exists.
Table 5.33
Electrical Characteristics (2)
Topr =
−40°C to 85°C unless otherwise specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
ICC
Power Supply
Current
(VCC = 3.0 V to 3.6
V)
In single-chip
mode, the output
pins are open and
other pins are
VSS
High speed mode
f(BCLK) = 32 MHz,
XIN = 8 MHz (square wave), PLL multiply-by-8
125 kHz on-chip oscillator operates
23
43
mA
f(BCLK) = 20 MHz,
XIN = 20 MHz (square wave),
125 kHz on-chip oscillator operates
20
38
mA
f(BCLK) = 16 MHz,
XIN = 16 MHz (square wave),
125 kHz on-chip oscillator operates
16
mA
40 MHz on-chip oscillator
mode
Main clock stops
40 MHz on-chip oscillator operates
125 kHz on-chip oscillator operates
No division
20
38
mA
Main clock stops
40 MHz on-chip oscillator operates
125 kHz on-chip oscillator operates
Divide-by-8
6
mA
125 kHz on-chip oscillator
mode
Main clock stops
40 MHz on-chip oscillator stops
125 kHz on-chip oscillator operates
Divide-by-8
FMR22 = FMR23 = 1 (Low-current
consumption read mode)
190
580
μA
Low power mode
f(BCLK) = 32 kHz
On Flash memory (1)
FMR22 = FMR23 = 1 (Low-current
consumption read mode)
200
μA
Wait mode
Main clock stops
40 MHz on-chip oscillator stops
125 kHz on-chip oscillator operates
Peripheral clock operates
Topr = 25
°C
25
μA
Main clock stops
40 MHz on-chip oscillator stops
125 kHz on-chip oscillator operates
Peripheral clock operates
Topr = 85°C
55
μA
Stop mode
Topr = 25°C
212
μA
Topr = 85°C
30
μA
During flash memory
program
f(BCLK) = 10 MHz, PM17 = 1 (one wait)
VCC = 3.0 V
20.0
mA
During flash memory
erase
f(BCLK) = 10 MHz, PM17 = 1 (one wait)
VCC = 3.0 V
30.0
mA
Idet2
Low Voltage Detection Dissipation Current
3
μA
Idet0
Reset Area Detection Dissipation Current
6
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com