Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/57 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # M16C/57
Description  RENESAS MCU
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/57 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button M16C/57 Datasheet HTML 140Page - Renesas Technology Corp M16C/57 Datasheet HTML 141Page - Renesas Technology Corp M16C/57 Datasheet HTML 142Page - Renesas Technology Corp M16C/57 Datasheet HTML 143Page - Renesas Technology Corp M16C/57 Datasheet HTML 144Page - Renesas Technology Corp M16C/57 Datasheet HTML 145Page - Renesas Technology Corp M16C/57 Datasheet HTML 146Page - Renesas Technology Corp M16C/57 Datasheet HTML 147Page - Renesas Technology Corp M16C/57 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 144 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
5.6
Electrical Characteristics (K-Version, VCC = 3 V)
5.6.1
Electrical Characteristics
K-Version, VCC = 3 V
Table 5.80
Electrical Characteristics (1)
VCC = 3.0 to 3.6 V, VSS = 0 V at Topr = −40°C to 125°C, f(BCLK)=32 MHz unless otherwise specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
VOH
HIGH
Output
Voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to
P2_7, P3_0 to P3_7, P4_0 to P4_7,
P5_0 to P5_7, P6_0 to P6_7, P7_0 to
P7_7, P8_0 to P8_4, P8_6 to P8_7,
P9_0 to P9_7, P10_0 to P10_7
IOH = −1 mA
VCC−0.5
VCC
V
VOH
HIGH Output Voltage
XOUT
HIGH POWER
IOH = −0.1 mA
VCC−0.5
VCC
V
LOW POWER
IOH = −50 μAVCC−0.5
VCC
HIGH Output Voltage
XCOUT
HIGH POWER
With no load applied
2.5
V
LOW POWER
With no load applied
1.6
VOL
LOW
Output
Voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to
P2_7, P3_0 to P3_7, P4_0 to P4_7, P5_0
to P5_7,
P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_7, P9_0 to P9_7, P10_0 to
P10_7
IOL = 1mA
0.5
V
VOL
LOW Output Voltage
XOUT
HIGH POWER
IOL = 0.1mA
0.5
V
LOW POWER
IOL = 50μA
0.5
LOW Output Voltage
XCOUT
HIGH POWER
With no load applied
0
V
LOW POWER
With no load applied
0
VT+-VT-
Hysteresis
TA0IN to TA4IN, TB0IN to TB5IN,
INT0
to
INT7, NMI, ADTRG, CTS0 to CTS3,
SCL2, SDA2, CLK0 to CLK4, TA0OUT
to TA4OUT,
KI0 to KI3, RXD0 to RXD4,
ZP, IDU, IDW, IDV, SD, INPC1_0 to
INPC1_7, SSI0, SSCK0,
SCS0, LIN0IN,
CRX0, CRX1
0.4VCC
V
VT+-VT-
Hysteresis
RESET
1.8
V
VT+-VT-
Hysteresis
XIN
0.8
V
IIH
HIGH Input
Current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to
P2_7, P3_0 to P3_7, P4_0 to P4_7, P5_0
to P5_7,
P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_7, P9_0 to P9_7, P10_0 to
P10_7
XIN,
RESET, CNVSS
VI = 3V
4.0
μA
IIL
LOW Input
Current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to
P2_7, P3_0 to P3_7, P4_0 to P4_7, P5_0
to P5_7,
P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_7, P9_0 to P9_7, P10_0 to
P10_7
XIN,
RESET, CNVSS
VI = 0V
−4.0
μA
RPULLUP
Pull-Up
Resistance
P0_0 to P0_7, P1_0 to P1_7, P2_0 to
P2_7, P3_0 to P3_7, P4_0 to P4_7, P5_0
to P5_7,
P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_4, P8_6 to P8_7, P9_0 to
P9_7, P10_0 to P10_7
VI = 0V
50
100
500
k
Ω
RfXIN
Feedback Resistance XIN
3.0
M
Ω
RfXCIN
Feedback Resistance XCIN
25
M
Ω
VRAM
RAM Retention Voltage
At stop mode
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com