Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP46X Datasheet(PDF) 103 Page - Intel Corporation

Part # IXP46X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP46X Datasheet(HTML) 103 Page - Intel Corporation

Back Button IXP46X Datasheet HTML 99Page - Intel Corporation IXP46X Datasheet HTML 100Page - Intel Corporation IXP46X Datasheet HTML 101Page - Intel Corporation IXP46X Datasheet HTML 102Page - Intel Corporation IXP46X Datasheet HTML 103Page - Intel Corporation IXP46X Datasheet HTML 104Page - Intel Corporation IXP46X Datasheet HTML 105Page - Intel Corporation IXP46X Datasheet HTML 106Page - Intel Corporation IXP46X Datasheet HTML 107Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
August 2006
Datasheet
Document Number: 306261-004US
103
Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
5.0
Electrical Specifications
5.1
Absolute Maximum Ratings
Warning:
Stressing the device beyond the absolute maximum ratings may cause permanent
damage. These are stress ratings only. Operation beyond the operating conditions is
not recommended and extended exposure beyond the operating conditions may affect
device reliability.
Table 27.
2.8-Watt Maximum Power Dissipation
Package Type
Estimated Power
(TPD)
Θ
JA
Ψ
JT
Tcase Max. †
35mm HSBGA
2.8W
12.5°C/W
1.4 °C/W
116 °C
† This is the maximum allowable case temperature and not normal operating condition.
Table 28.
3.3-Watt Maximum Power Dissipation
Package Type
Estimated Power
(TPD)
Θ
JA
Ψ
JT
Tcase Max. †
35mm HSBGA
3.3W
12.5°C/W
1.4 °C/W
115 °C
† This is the maximum allowable case temperature and not normal operating condition.
Table 29.
4.0-Watt Maximum Power Dissipation
Package Type
Estimated Power
(TPD)
Θ
JA
Ψ
JT
Tcase Max. †
35mm HSBGA
4.0W
12.5°C/W
1.4 °C/W
114 °C
† This is the maximum allowable case temperature and not normal operating condition.
Parameter
Maximum Rating
Ambient Air Temperature (Extended)
-40º C to 85º C
Ambient Air Temperature (Commercial)
0º C to 70º C
Supply Voltage (Intel XScale® processor
)
-0.3 V to 2.1 V
Supply Voltage I/O
-0.3 V to 3.6 V
Supply Voltage DDR
-0.3V to 2.75V
Supply Voltage Oscillator (OSC_VCC)
-0.3 V to 2.1 V
Supply Voltage Oscillator (OSC_VCCP)
-0.3 V to 3.6 V
Supply Voltage PLL (V
CCPLL1)
-0.3 V to 2.1 V
Supply Voltage PLL (V
CCPLL2)
-0.3 V to 2.1 V
Supply Voltage PLL (V
CCPLL3)
-0.3 V to 2.1 V
Voltage On Any I/O Ball
-0.3 V to 3.6V
Storage Temperature
-55o C to 125o C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com