Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP46X Datasheet(PDF) 121 Page - Intel Corporation

Part # IXP46X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP46X Datasheet(HTML) 121 Page - Intel Corporation

Back Button IXP46X Datasheet HTML 117Page - Intel Corporation IXP46X Datasheet HTML 118Page - Intel Corporation IXP46X Datasheet HTML 119Page - Intel Corporation IXP46X Datasheet HTML 120Page - Intel Corporation IXP46X Datasheet HTML 121Page - Intel Corporation IXP46X Datasheet HTML 122Page - Intel Corporation IXP46X Datasheet HTML 123Page - Intel Corporation IXP46X Datasheet HTML 124Page - Intel Corporation IXP46X Datasheet HTML 125Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
August 2006
Datasheet
Document Number: 306261-004US
121
Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Figure 24.
Source Synchronous SMII Input Timings
Table 59.
Source Synchronous SMII Input Timings Values
Symbol
Parameter
Min.
Max.
Units
Notes
T3
SMII_RXD and SMII_RXSYNC setup time prior to
rising edge of SMII_RXCLK
1.5
ns
1
T4
SMII_RXD and SMII_RXSYNC hold time after the
rising edge of SMII_CLK
1ns
1
Notes:
1.
Timing was designed for a system load between 5pF and 15pF
Figure 25.
MII Output Timings
Table 60.
MII Output Timings Values
Symbol
Parameter
Min.
Max.
Units
Notes
T1
Clock to output delay for ETH_TXDATA and
ETH_TXEN.
12.5
ns
1, 2
T2
ETH_TXDATA and ETH_TXEN hold time after
ETH_TXCLK.
1.5
ns
2
Notes:
1.
These values satisfy t the MII specification requirement of 0 ns to 25 ns clock to output delay.
2.
Timing was designed for a system load between 5 pF and 15 pF.
SMII_RXCLK
SMII_INPUTS
T
3
T
4
A9580-01
eth_tx_clk
eth_tx_data[7:0]
eth_tx_en
eth_crs
T1
T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com