Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP46X Datasheet(PDF) 138 Page - Intel Corporation

Part # IXP46X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP46X Datasheet(HTML) 138 Page - Intel Corporation

Back Button IXP46X Datasheet HTML 134Page - Intel Corporation IXP46X Datasheet HTML 135Page - Intel Corporation IXP46X Datasheet HTML 136Page - Intel Corporation IXP46X Datasheet HTML 137Page - Intel Corporation IXP46X Datasheet HTML 138Page - Intel Corporation IXP46X Datasheet HTML 139Page - Intel Corporation IXP46X Datasheet HTML 140Page - Intel Corporation IXP46X Datasheet HTML 141Page - Intel Corporation IXP46X Datasheet HTML 142Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
138
Document Number: 306261-004US
5.6.2.7.3
Using I/O Wait
The EX_IOWAIT_N signal is available to be shared by devices attached to chip selects 0
through 7, when configured in Intel or Motorola modes of operation. The main purpose
of this signal is to properly communicate with slower devices requiring more time to
respond during data access. During idle cycles, the board is responsible for ensuring
that EX_IOWAIT_N is pulled-up. The Expansion bus controller will always ignore
EX_IOWAIT_N for synchronous Intel mode writes.
For details, see the Intel® IXP45X and Intel® IXP46X Product Line of Network
Processors Developer’s Manual, in the Expansion Bus Controller chapter’s “Using I/O
Wait” section.
Figure 42.
I/O Wait Normal Phase Timing
Note:
Notice that the access is an Intel-style simplex read access. The data strobe phase is set to a value to last
three clock cycles. The data is returned from the peripheral device prior to the three clocks and the
peripheral device de-asserts EX_IOWAIT_N. The data strobe phase terminates after two clocks even though
the strobe phase was configured to pulse for three clocks.
EX_CLK
EX_CS_N[0]
EX_ADDR[23:0]
EX_RD_N
EX_DATA[15:0]
Valid Data
Valid Address
1 Cycle
1 Cycle
3 Cycles
1 Cycle
T1=0 h
T2=0 h
T3=2h or 1h or 0h
T4=0 h
T5=0 h
EX_IOWAIT_N
B5242-01
1 Cycle
2 Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com