Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2 Datasheet(PDF) 113 Page - STMicroelectronics

Part # PSD813F2
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 109Page - STMicroelectronics PSD813F2 Datasheet HTML 110Page - STMicroelectronics PSD813F2 Datasheet HTML 111Page - STMicroelectronics PSD813F2 Datasheet HTML 112Page - STMicroelectronics PSD813F2 Datasheet HTML 113Page - STMicroelectronics PSD813F2 Datasheet HTML 114Page - STMicroelectronics PSD813F2 Datasheet HTML 115Page - STMicroelectronics PSD813F2 Datasheet HTML 116Page - STMicroelectronics PSD813F2 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 128 page
background image
PSD8XXFX
AC/DC parameters
Doc ID 7833 Rev 7
113/128
Figure 48.
Reset (RESET) timing
Table 65.
Port A Peripheral Data mode WRITE timing (3 V devices)
Symbol
Parameter
Conditions
-12
-15
-20
Unit
Min Max Min
Max Min Max
tWLQV–PA
WR to data propagation delay
(1)
42
45
55
ns
tDVQV–PA
Data to port A data propagation delay
(2)
38
40
45
ns
tWHQZ–PA
WR invalid to port A tri-state
(1)
33
33
35
ns
1.
WR has the same timing as the E, LDS, UDS, WRL, and WRH signals.
2.
Data stable on ADIO pins to data on port A.
tNLNH-PO
tOPR
AI02866b
RESET
tNLNH
tNLNH-A
tOPR
VCC
V
CC(min)
Power-On Reset
Warm Reset
Table 66.
Reset (RESET) timing (5 V devices)
Symbol
Parameter
Conditions
Min
Max
Unit
tNLNH
RESET active low time(1)
150
ns
tNLNH–PO
Power-on Reset active low time
1
ms
tNLNH–A
Warm Reset (on the PSD834Fx)(2)
25
µs
tOPR
RESET high to operational device
120
ns
1.
Reset (RESET) does not reset Flash memory program or erase cycles.
2.
Warm reset aborts Flash memory program or erase cycles, and puts the device in READ mode.
Table 67.
Reset (RESET) timing (3 V devices)
Symbol
Parameter
Conditions
Min
Max
Unit
tNLNH
RESET active low time(1)
300
ns
tNLNH–PO
Power-on Reset active low time
1
ms
tNLNH–A
Warm Reset (on the PSD834Fx)(2)
25
µs
tOPR
RESET high to operational device
300
ns
1.
Reset (RESET) does not reset Flash memory program or erase cycles.
2.
Warm reset aborts Flash memory program or erase cycles, and puts the device in READ mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com