Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2Q3 Datasheet(PDF) 125 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 121Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 122Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 123Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 124Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 125Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 126Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 127Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 128Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 189 page
background image
ST10F272Z2
Register set
125/189
23.3
Flash registers ordered by name
The following table lists all Flash Control Registers which are implemented in the
ST10F272Z2 ordered by their name. These registers are physically mapped on the IBus,
except for XFVTAUR0, which is mapped on XBus. Note that these registers are not bit-
addressable.
23.4
Identification registers
The ST10F272Z2 have four Identification registers, mapped in ESFR space. These
registers contain:
●
A manufacturer identifier
●
A chip identifier with its revision
●
A internal Flash and size identifier
●
Programming voltage description
Table 55.
List of Flash registers
Name
Physical
address
Description
Reset value
FARH
0x0008 0012
Flash address register - high
0000h
FARL
0x0008 0010
Flash address register - low
0000h
FCR0H
0x0008 0002
Flash control register 0 - high
0000h
FCR0L
0x0008 0000
Flash control register 0 - low
0000h
FCR1H
0x0008 0006
Flash control register 1 - high
0000h
FCR1L
0x0008 0004
Flash control register 1 - low
0000h
FDR0H
0x0008 000A
Flash data register 0 - high
FFFFh
FDR0L
0x0008 0008
Flash data register 0 - low
FFFFh
FDR1H
0x0008 000E
Flash data register 1 - high
FFFFh
FDR1L
0x0008 000C
Flash data register 1 - low
FFFFh
FER
0x0008 0014
Flash error register
0000h
FNVAPR0
0x0008 DFB8
Flash non-volatile access protection reg.0
ACFFh
FNVAPR1H
0x0008 DFBE
Flash non-volatile access protection reg.1 - high
FFFFh
FNVAPR1L
0x0008 DFBC
Flash non-volatile access protection reg.1 - low
FFFFh
FNVWPIR
0x0008 DFB0
Flash non-volatile protection I register
FFFFh
XFVTAUR0
0x0000 EB50
XBus Flash volatile temporary access
unprotection register 0
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com