Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2Q3 Datasheet(PDF) 141 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 137Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 138Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 139Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 140Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 141Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 142Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 143Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 144Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 189 page
background image
ST10F272Z2
Electrical characteristics
141/189
Output high voltage
(P6[7:0], ALE, RD, WR/WRL,
BHE/WRH, CLKOUT, RSTOUT)
VOH CC
VDD – 0.8
VDD – 0.08
–V
IOH = – 8 mA
IOH = – 1 mA
Output high voltage (2)
(P0[15:0], P1[15:0], P2[15:0],
P3[15,13:0], P4[7:0], P7[7:0],
P8[7:0])
VOH1 CC
VDD – 0.8
VDD – 0.08
–V
IOH1 = – 4 mA
IOH1 = – 0.5 mA
Output high voltage RPD
VOH2 CC
0
0.3 VDD
0.5 VDD
–V
IOH2 = – 2 mA
IOH2 = – 750 µA
IOH2 = – 150 µA
Input leakage current (P5[15:0]) (3)
|IOZ1 |CC
–±0.2
µA–
Input leakage current
(all except P5[15:0], P2[0], RPD, P3[12],
P3[15])
|IOZ2 |CC
–±0.5
µA–
Input leakage current (P2[0]) (4)
|IOZ3 |CC
–
+1.0
–0.5
µA–
Input leakage current (RPD)
|IOZ4 |CC
–±3.0
µA–
Input leakage current (P3[12], P3[15])
|IOZ5 |CC
–±1.0
µA–
Overload current (all except P2[0])
|IOV1 |SR
–±5
mA
(1) (5)
Overload current (P2[0]) (4)
|IOV2 |SR
–
+5
–1
mA
(1) (5)
RSTIN pull-up resistor
RRST CC
50
250
k
Ω
100 k
Ω nominal
Read/Write inactive current (6) (7)
IRWH
––40
µAV
OUT = 2.4 V
Read/Write active current (6) (8)
IRWL
–500
–
µAV
OUT = 0.4V
ALE inactive current (6) (7)
IALEL
20
–
µAV
OUT = 0.4V
ALE active current (6) (8)
IALEH
–300
µAV
OUT = 2.4 V
Port 6 inactive current (P6[4:0]) (6) (7)
IP6H
––40
µAV
OUT = 2.4 V
Port 6 active current (P6[4:0]) (6) (8)
IP6L
–500
–
µAV
OUT = 0.4V
PORT0 configuration current (6)
IP0H
6)
––10
µAV
IN = 2.0 V
IP0L
7)
–100
–
µAV
IN = 0.8 V
Pin Capacitance (Digital inputs / outputs) CIO CC
–10
pF
(1) (6)
Run Mode Power supply current (9)
(Execution from Internal RAM)
ICC1
–
15 + 1.5
fCPU
mA
–
Run Mode Power supply current (1) (9)
(Execution from Internal Flash)
ICC2
–
15 + 1.5
fCPU
mA
–
Idle mode supply current (10)
IID
–
15 + 0.6
fCPU
mA
–
Table 65.
DC characteristics (continued)
Parameter
Symbol
Limit values
Unit
Test Condition
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com