Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2Q3 Datasheet(PDF) 146 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 142Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 143Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 144Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 145Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 146Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 147Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 148Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 149Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 189 page
background image
Electrical characteristics
ST10F272Z2
146/189
25.7
A/D converter characteristics
VDD = 5 V ± 10%, VSS = 0 V, TA = –40 to +125 °C, 4.5 V ≤ VAREF ≤ VDD,
VSS ≤ VAGND ≤ VSS + 0.2 V
1.
VAREF can be tied to ground when A/D Converter is not in use: an extra consumption (around 200µA) on
main VDD is added due to internal analogue circuitry not completely turned off: so, it is suggested to
maintain the VAREF at VDD level even when not in use, and eventually switch off the A/D Converter circuitry
setting bit ADOFF in ADCON register.
2.
VAIN may exceed VAGND or VAREF up to the absolute maximum ratings. However, the conversion result in
these cases will be 0x000H or 0x3FFH, respectively.
3.
Not 100% tested, guaranteed by design characterization.
4.
During the sample time the input capacitance CAIN can be charged/discharged by the external source. The
internal resistance of the analog source must allow the capacitance to reach its final voltage level within tS.
After the end of the sample time tS, changes of the analog input voltage have no effect on the conversion
result.
Values for the sample clock tS depends on programming and can be taken from Table 69: A/D converter
programming.
5.
This parameter includes the sample time tS, the time for determining the digital result and the time to load
the result register with the conversion result. Values for the conversion clock tCC depend on programming
and can be taken from next Table 69.
6.
DNL, INL, OFS and TUE are tested at VAREF = 5.0 V, VAGND = 0V, VDD = 5.0 V. It is guaranteed by design
characterization for all other voltages within the defined voltage range.
Table 68.
A/D converter characteristics
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
max.
Analog Reference voltage 1)
V
AREF SR
4.5
VDD
V
Analog Ground voltage
V
AGND SR
VSS
VSS + 0.2
V
Analog Input voltage 2)
V
AIN
SR
VAGND
VAREF
V
Reference supply current
I
AREF
CC
–
–
5
1
mA
µA
Running mode 3)
Power Down mode
Sample time
t
S
CC
1–
µs
4)
Conversion time
t
C
CC
3–
µs
5)
Differential Non Linearity 6)
DNL CC
–1
+1
LSB
No overload
Integral Non Linearity 6)
INL
CC
–1.5
+1.5
LSB
No overload
Offset Error 6)
OFS CC
–1.5
+1.5
LSB
No overload
Total unadjusted error 6)
TUE CC
–2.0
–5.0
–7.0
+2.0
+5.0
+7.0
LSB
Port5
Port1 - No overload 3)
Port1 - Overload 3)
Coupling Factor between inputs 3) 7)
K
CC
–10–6
–
On both Port5 and Port1
Input Pin Capacitance 3) 8)
CP1 CC
–3pF
CP2 CC
–
4
6
pF
Port5
Port1
Sampling Capacitance 3) 8)
CS
CC
–3.5
pF
Analog Switch Resistance 3) 8)
RSW CC
–
–
600
1600
W
Port5
Port1
RAD CC
–1300
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com