Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2Q3 Datasheet(PDF) 163 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 163 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 159Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 160Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 161Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 162Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 163Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 164Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 165Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 166Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 189 page
background image
ST10F272Z2
Electrical characteristics
163/189
The given values of CA do not include the stray capacitance of the package and of the
printed circuit board: the negative resistance values are calculated assuming additional 5pF
to the values in the table. The crystal shunt capacitance (C0) and the package capacitance
between XTAL1 and XTAL2 pins is globally assumed equal to 10pF.
The external resistance between XTAL1 and XTAL2 is not necessary, since already present
on the silicon.
25.8.12
32 kHz oscillator specifications
VDD = 5 V ± 10 %, VSS = 0 V, TA = –40 to +125 °C
1.
At power-on a high current biasing is applied for faster oscillation start-up. Once the oscillation is started,
the current biasing is reduced to lower the power consumption of the system.
2.
Not 100% tested, guaranteed by design characterization.
Figure 51.
32kHz crystal oscillator connection diagram
Table 74.
Main oscillator negative resistance (module)
CA = 15 pF
CA = 25 pF
CA = 35 pF
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
4 MHz
545
Ω
1035
Ω
–
550
Ω
1050
Ω
–
430
Ω
850
Ω
–
8 MHz
240
Ω
450
Ω
–
170
Ω
350
Ω
–
120
Ω
250
Ω
–
Table 75.
32kHz oscillator characteristics
Symbol
Parameter
Conditions
Value
Unit
min.
typ.
max.
gm32
Oscillator Transconductance 1)
Start-up
20
31
50
µA/V
Normal run
8
17
30
µA/V
VOSC32 Oscillation Amplitude
2)
Peak to Peak
0.5
1.0
2.4
V
VAV32
Oscillation Voltage level 2)
Sine wave middle
0.7
0.9
1.2
V
tSTUP32 Oscillator Start-up Time
2)
Stable VDD
–15
s
CA
CA
crystal
ST10F272Z2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com