Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2Q3 Datasheet(PDF) 183 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 183 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 179Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 180Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 181Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 182Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 183Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 184Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 185Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 186Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 189 page
background image
ST10F272Z2
Electrical characteristics
183/189
Figure 64.
SSC master timing
1.
The phase and polarity of shift and latch edge of SCLK is programmable. This figure uses the leading clock
edge as shift edge (drawn in bold), with latch on trailing edge (SSCPH = 0b), Idle clock line is low, leading
clock edge is low-to-high transition (SSCPO = 0b).
2.
The bit timing is repeated for all bits to be transmitted or received.
25.8.20.2
Slave mode
VDD = 5 V ±10%, VSS = 0 V, TA = -40 to +125 °C, CL = 50 pF
1st out bit
Last out bit
2nd out bit
1)
2)
2nd In bit
1st in bit
Last in bit
SCLK
MTSR
MRST
t308
t307
t308
t307
t305
t305
t300
t301
t302
t304
t303
t306
t305
Table 84.
SSC slave mode timings
Symbol
Parameter
Max. Baudrate
6.6 MBd (1))
@fCPU = 40 MHz
(<SSCBR> = 0002h)
Variable Baudrate
(<SSCBR> = 0001h -
FFFFh)
Unit
min.
max.
min.
max.
t310
SR SSC clock cycle time(2)
150
150
8TCL
262144 TCL
ns
t311
SR SSC clock high time
63
–
t310 / 2 – 12
–
ns
t312
SR SSC clock low time
63
–
t310 / 2 – 12
–
ns
t313
SR SSC clock rise time
–
10
–
10
ns
t314
SR SSC clock fall time
–
10
–
10
ns
t315
CC Write data valid after shift edge
–
55
–
2TCL + 30
ns
t316
CC Write data hold after shift edge
0
–
0
–
ns
t317p
SR
Read data setup time before latch
edge, phase error detection on
(SSCPEN = 1)
62
–
4TCL + 12
–
ns
t318p
SR
Read data hold time after latch
edge, phase error detection on
(SSCPEN = 1)
87
–
6TCL + 12
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com