Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8572ECVTATLB Datasheet(PDF) 109 Page - Freescale Semiconductor, Inc

Part # MPC8572ECVTATLB
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8572ECVTATLB Datasheet(HTML) 109 Page - Freescale Semiconductor, Inc

Back Button MPC8572ECVTATLB Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8572ECVTATLB Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8572ECVTATLB Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8572ECVTATLB Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8572ECVTATLB Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8572ECVTATLB Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8572ECVTATLB Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8572ECVTATLB Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8572ECVTATLB Datasheet HTML 113Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
109
Package Description
SD1_TX[6]
PCIe1 Tx Data Lane 6 / SRIO or
PCIe2 Tx Data Lane 2 / PCIe3
TX Data Lane 0
L24
O
XVDD_SR
DS1
—
SD1_TX[5]
PCIe1 Tx Data Lane 5 / SRIO or
PCIe2 Tx Data Lane 1
K26
O
XVDD_SR
DS1
—
SD1_TX[4]
PCIe1 Tx Data Lane 4 / SRIO or
PCIe2 Tx Data Lane 0
J24
O
XVDD_SR
DS1
—
SD1_TX[3]
PCIe1 Tx Data Lane 3
G24
O
XVDD_SR
DS1
—
SD1_TX[2]
PCIe1 Tx Data Lane 2
F26
O
XVDD_SR
DS1
—
SD1_TX[1]
PCIe1 Tx Data Lane 1]
E24
O
XVDD_SR
DS1
—
SD1_TX[0]
PCIe1 Tx Data Lane 0
D26
O
XVDD_SR
DS1
—
SD1_TX[7:0]
Transmit Data (negative)
M27, L25, K27, J25,
G25, F27, E25, D27
OXVDD_SR
DS1
—
SD1_PLL_TPD
PLL Test Point Digital
J32
O
XVDD_SR
DS1
17
SD1_REF_CLK
PLL Reference Clock
H32
I
XVDD_SR
DS1
—
SD1_REF_CLK
PLL Reference Clock
Complement
H31
I
XVDD_SR
DS1
—
Reserved
—
C29, K32
—
—
26
Reserved
—
C30, K31
—
—
27
Reserved
—
C24, C25, H26, H27
—
—
28
Reserved
—
AL20, AL21
—
—
29
SerDes (x4) SGMII
SD2_RX[3:0]
Receive Data (positive)
AK32, AJ30, AF30,
AE32
IXVDD_SR
DS2
—
SD2_RX[3:0]
Receive Data (negative)
AK31, AJ29, AF29,
AE31
IXVDD_SR
DS2
—
SD2_TX[3]
SGMII Tx Data eTSEC4
AH26
O
XVDD_SR
DS2
—
SD2_TX[2]
SGMII Tx Data eTSEC3
AG24
O
XVDD_SR
DS2
—
SD2_TX[1]
SGMII Tx Data eTSEC2
AE24
O
XVDD_SR
DS2
—
Table 75. MPC8572E Pinout Listing (continued)
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com