Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K-300B5C Datasheet(PDF) 1 Page - Tyco Electronics

Part # K-300B5C
Description  DC Electrically Held Units
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

K-300B5C Datasheet(HTML) 1 Page - Tyco Electronics

  K-300B5C Datasheet HTML 1Page - Tyco Electronics K-300B5C Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KSeriesContactors
DC Electrically Held Units
Features
Physical
• Environmentally sealed
• Repairable
• 0.50 lbs. - 0.75 lbs.
Environmental
• Temperature range -55° to +85°C
• 25G shock
• 10G vibration
Power switching
• S.P.S.T. normally open
• 28 Volts
• 200-400A make/carry/break
• 1000-2000A inrush
• 2000-4000A maximum interrupt
Auxiliary switching**
• Up to 2 Form Z
• Up to 2 Form C
• 5 ampere 28 Vdc or 115 Vac
Coil voltage and power
• 28V/9.1W nominal
• Self economizing
** Other auxiliary arrangements or no auxiliary contacts
available
Part No.*
K-200A3C
K-200B3C
K-300A5C
K-300B5C
K-400A5C
K-400B5C
Voltage
28Vdc
28Vdc
28Vdc
28Vdc
28Vdc
28Vdc
Current Rating
200 Amps
200 Amps
300 Amps
300 Amps
400 Amps
400 Amps
Mounting
Chassis
Buss Bar
Chassis
Buss Bar
Chassis
Buss Bar
Typical Contactor Dimensions
Buss Bar Mount Version
Chassis Mount Version
Built to meet
or exceed the
requirements
of Mil-R-6106
K Series contactors are among the smallest, lightest 200-400amp contactors
currently available in the aerospace industry. They are designed for use in DC
power distribution systems for private, military and commercial aircraft; or
ground vehicle applications.
Buss Bar Mount Version
Chassis Mount Version
Note : Dimensions shown are for K-300 Series contactors. K-200 Series contactors are slightly smaller in size; K-400 Series contactors are slightly larger in size.
* Each have 2 Form Z auxiliary contacts and coil suppression
Catalog (web doc only)
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 5-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HARTMAN Aerospace Power Products
For factory-direct application assistance, contact the HARTMAN
product team at (419) 521-9500, Fax (419) 526-2749.


Similar Part No. - K-300B5C

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
K-3-M5 FESTO-K-3-M5 Datasheet
85Kb / 1P
   Pushbutton valve
logo
PREMO CORPORATION S.L
K-330 PREMO-K-330 Datasheet
156Kb / 1P
   Coils and Chokes for general use
K-331 PREMO-K-331 Datasheet
156Kb / 1P
   Coils and Chokes for general use
K-332 PREMO-K-332 Datasheet
156Kb / 1P
   Coils and Chokes for general use
K-333 PREMO-K-333 Datasheet
156Kb / 1P
   Coils and Chokes for general use
More results

Similar Description - K-300B5C

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
HFW4A TEC-HFW4A Datasheet
93Kb / 2P
   Double Pole, Electrically Held, 5 Amps and Less
logo
Tyco Electronics
AP150X MACOM-AP150X Datasheet
381Kb / 1P
   KILOVAC AP150X (FORM X, Electrically Held) and AP150P (Form P,Latching) 150 Amps
logo
SICK AG
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
   HAND-HELD SCANNERS
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
   HAND-HELD SCANNERS
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
   HAND-HELD SCANNERS
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
   HAND-HELD SCANNERS
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
   HAND-HELD SCANNERS
IDM120-3PDF01B SICK-IDM120-3PDF01B Datasheet
775Kb / 5P
   HAND-HELD SCANNERS
IDM140-2BT SICK-IDM140-2BT Datasheet
747Kb / 5P
   HAND-HELD SCANNERS
IDM162-300S SICK-IDM162-300S Datasheet
787Kb / 5P
   HAND-HELD SCANNERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com