Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2010 Datasheet(PDF) 124 Page - Microchip Technology

Part # DSPIC30F2010
Description  16-bit Digital Signal Controllers
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 124 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 120Page - Microchip Technology DSPIC30F2010 Datasheet HTML 121Page - Microchip Technology DSPIC30F2010 Datasheet HTML 122Page - Microchip Technology DSPIC30F2010 Datasheet HTML 123Page - Microchip Technology DSPIC30F2010 Datasheet HTML 124Page - Microchip Technology DSPIC30F2010 Datasheet HTML 125Page - Microchip Technology DSPIC30F2010 Datasheet HTML 126Page - Microchip Technology DSPIC30F2010 Datasheet HTML 127Page - Microchip Technology DSPIC30F2010 Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 202 page
background image
dsPIC30F2010
DS70118J-page 124
© 2011 Microchip Technology Inc.
19.2
Oscillator Configurations
19.2.1
INITIAL CLOCK SOURCE
SELECTION
While coming out of Power-on Reset or Brown-out
Reset, the device selects its clock source based on:
a)
FOS<1:0> Configuration bits that select one of
four oscillator groups.
b)
AND FPR<3:0> Configuration bits that select one
of 13 oscillator choices within the primary group.
The selection is as shown in Table 19-2.
19.2.2
OSCILLATOR START-UP TIMER
(OST)
In order to ensure that a crystal oscillator (or ceramic
resonator) has started and stabilized, an oscillator
start-up timer is included. It is a simple 10-bit counter
that counts 1024 TOSC cycles before releasing the
oscillator clock to the rest of the system. The time-out
period is designated as TOST. The TOST time is involved
every time the oscillator has to restart (i.e., on POR,
BOR and wake-up from Sleep). The oscillator start-up
timer is applied to the LP Oscillator, XT, XTL, and HS
modes (upon wake-up from Sleep, POR, and BOR) for
the primary oscillator.
TABLE 19-2:
CONFIGURATION BIT VALUES FOR CLOCK SELECTION
Oscillator Mode
Oscillator
Source
FOS1
FOS0
FPR3
FPR2
FPR1
FPR0
OSC2 Function
EC
ECIO
EC w/ PLL 4x
EC w/ PLL 8x
EC w/ PLL 16x
ERC
ERCIO
XT
XT w/ PLL 4x
XT w/ PLL 8x
XT w/ PLL 16x
XTL
HS
Primary
Primary
Primary
Primary
Primary
Primary
Primary
Primary
Primary
Primary
Primary
Primary
Primary
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
1
1
1
1
0
0
1
1
1
1
0
0
1
0
0
1
1
0
0
0
0
1
1
0
1
1
0
1
0
1
1
0
0
1
0
1
x
x
CLKO
I/O
I/O
I/O
I/O
CLKO
I/O
OSC2
OSC2
OSC2
OSC2
OSC2
OSC2
LP
Secondary
0
0
——
—
—
See Note 1 and 2
FRC
Internal FRC
0
1
——
—
—
See Note 1 and 2
LPRC
Internal LPRC
1
0
——
—
—
See Note 1 and 2
Note 1:
The OSC2 pin is either usable as a general-purpose I/O pin or is completely unusable, depending on the
Primary Oscillator mode selection (FPR<3:0>).
2:
Note that the OSC1 pin cannot be used as an I/O pin, even if the Secondary Oscillator or an internal clock
source is selected at all times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com