Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2010 Datasheet(PDF) 150 Page - Microchip Technology

Part # DSPIC30F2010
Description  16-bit Digital Signal Controllers
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 150 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 146Page - Microchip Technology DSPIC30F2010 Datasheet HTML 147Page - Microchip Technology DSPIC30F2010 Datasheet HTML 148Page - Microchip Technology DSPIC30F2010 Datasheet HTML 149Page - Microchip Technology DSPIC30F2010 Datasheet HTML 150Page - Microchip Technology DSPIC30F2010 Datasheet HTML 151Page - Microchip Technology DSPIC30F2010 Datasheet HTML 152Page - Microchip Technology DSPIC30F2010 Datasheet HTML 153Page - Microchip Technology DSPIC30F2010 Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 202 page
background image
dsPIC30F2010
DS70118J-page 150
© 2011 Microchip Technology Inc.
TABLE 22-5:
DC CHARACTERISTICS: OPERATING CURRENT (IDD)
DC CHARACTERISTICS
Standard Operating Conditions: 2.5V to 5.5V
(unless otherwise stated)
Operating temperature
-40°C
≤TA ≤+85°C for Industrial
-40°C
≤TA ≤+125°C for Extended
Parameter
No.
Typical
Max
Units
Conditions
Operating Current (IDD)(1)
DC31a
1.6
3
mA
25°C
3.3V
0.128 MIPS
LPRC (512 kHz)
DC31b
1.6
3
mA
85°C
DC31c
1.6
3
mA
125°C
DC31e
3.9
7
mA
25°C
5V
DC31f
3.5
7
mA
85°C
DC31g
3.4
7
mA
125°C
DC30a
3
5
mA
25°C
3.3V
(1.8 MIPS)
FRC (7.37 MHz)
DC30b
3
5
mA
85°C
DC30c
3
5
mA
125°C
DC30e
6
9
mA
25°C
5V
DC30f
6
9
mA
85°C
DC30g
6
9
mA
125°C
DC23a
9
14
mA
25°C
3.3V
4 MIPS EC mode, 4X PLL
DC23b
10
15
mA
85°C
DC23c
10
15
mA
125°C
DC23e
16
24
mA
25°C
5V
DC23f
16
24
mA
85°C
DC23g
16
24
mA
125°C
DC24a
21
32
mA
25°C
3.3V
10 MIPS EC mode, 4X PLL
DC24b
21
32
mA
85°C
DC24c
21
32
mA
125°C
DC24e
35
53
mA
25°C
5V
DC24f
36
53
mA
85°C
DC24g
36
53
mA
125°C
DC27a
39
59
mA
25°C
3.3V
20 MIPS EC mode, 8X PLL
DC27b
39
59
mA
85°C
DC27d
66
99
mA
25°C
5V
DC27e
66
99
mA
85°C
DC27f
66
99
mA
125°C
DC29a
95
150
mA
25°C
5V
30 MIPS EC mode, 16X PLL
DC29b
94
150
mA
85°C
Note 1:
The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature also have
an impact on the current consumption. The test conditions for all IDD measurements are as follows: OSC1
driven with external square wave from rail to rail. All I/O pins are configured as inputs and pulled to VDD.
MCLR = VDD, WDT, FSCM, LVD and BOR are disabled. CPU, SRAM, Program Memory and Data
Memory are operational. No peripheral modules are operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com