Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645B Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # MPC5645B
Description  Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645B Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button MPC5645B Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC5645B Datasheet HTML 114Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 110 / 114 page
background image
MPC5646C Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
110
6
Ordering information
Figure 45. Commercial product code structure
Qualification Status
Power Architecture
Automotive Platform
Core Version
Flash Size (core dependent)
Product
Optional fields
MPC56
C
F0
LL
Example code:
46
Temperature spec.
Package Code
Qualification Status
M = MC status
S = Auto qualified
P = PC status
PC = Power Architecture
Automotive Platform
56 = Power Architecture in 90 nm
Core Version
4 = e200z4d core version (highest core version in the case
of multiple cores)
Flash Memory Size
4 = 1.5 MB
5 = 2 MB
6 = 3 MB
Product Version
B = Body
C = Gateway
Optional fields
C = CSE module available
Blank = none of these options available
Fab and mask version indicator
F = ATMC
0 = First version of the mask
Temperature spec.
C = –40 °C to 85 °C
V = –40 °C to 105 °C
M = –40 °C to 125 °C
R = Tape & Reel (blank if Tray)
R
Package Code
LU = 176 LQFP
LT = 208 LQFP
MJ = 256 MAPBGA
CPU Frequency
1 = e200z4d operates up to 120 MHz
8 = e200z4d operates up to 80 MHz
Shipping Method
R = Tape and reel
Blank = Tray
1
CPU Frequency
Fab and mask indicator
M
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com