Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q-120 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # Q-120
Description  120W Quad Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

Q-120 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  Q-120 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. Q-120 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
StaticCharacteristics(B)
FileName:Q-120-SPEC2010-10-18
CaseNo.906Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
-10
-10
0
0
10
20
30
40
50
45
60
55
(VERTICAL)
(HORIZONTAL)
20
40
60
80
100
80
160
85
170
90
180
95
190
100
200
105
210
110
220
115
230
120
240
125
250
130
260
300
250
200
150
100
50
25
Ta=25
12V
+12V
-12V
-5V
5V
+5V
13
7
9
8
12
11
10
4.8
5.0
5.2
4.4
4.6
4.2
4.0
BlockDiagram
fosc:83KHz
EMI
FILTER
RECTIFIERS
230
115
&
FILTER
POWER
SWITCHING
DRIVER
PWM
CONTROL
FILTER
FILTER
FILTER
FILTER
&
&
&
&
RECTIFIERS
RECTIFIERS
RECTIFIERS
RECTIFIERS
+V1
-V1
+V2
-V2
COM
I/P
FG
O.V.P.
O.L.P.
20
159
199
100
172
192
5-M3
190.5
3.5
6
7
8
6
5
4
3
2
1
5
TerminalPinNo. Assignment
PinNo.
PinNo.
1
6
3
4,5
2
7
8
Assignment
Assignment
DCOUTPUT COM
DCOUTPUT -V1
DCOUTPUT +V1
FG
DCOUTPUT
AC/N
AC/L
PinNo.
MODEL
4
+12V
+15V
+24V
Q-120B
Q-120C
Q-120D
5
-12V
-15V
+12V
120WQuadOutputSwitchingPowerSupply
Q - 1 2 0 series


Similar Part No. - Q-120

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
Q-120 MEANWELL-Q-120 Datasheet
674Kb / 2P
   120W Quad Output Switching Power Supply
logo
RSG Electronic Componen...
Q-120 RSG-Q-120 Datasheet
139Kb / 2P
   120W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
Q-120B MEANWELL-Q-120B Datasheet
674Kb / 2P
   120W Quad Output Switching Power Supply
logo
RSG Electronic Componen...
Q-120B RSG-Q-120B Datasheet
139Kb / 2P
   120W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
Q-120C MEANWELL-Q-120C Datasheet
674Kb / 2P
   120W Quad Output Switching Power Supply
More results

Similar Description - Q-120

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
Q-120 RSG-Q-120 Datasheet
139Kb / 2P
   120W Quad Output Switching Power Supply
logo
Mean Well Enterprises C...
Q-120 MEANWELL-Q-120 Datasheet
674Kb / 2P
   120W Quad Output Switching Power Supply
HLG-120 MEANWELL-HLG-120_11 Datasheet
344Kb / 6P
   120W Single Output Switching Power Supply
HLG-120_1107 MEANWELL-HLG-120_1107 Datasheet
371Kb / 6P
   120W Single Output Switching Power Supply
HLG-120H-48A MEANWELL-HLG-120H-48A Datasheet
187Kb / 7P
   120W Single Output Switching Power Supply
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
logo
Astrodyne Corporation
AD-120 ASTRODYNE-AD-120 Datasheet
1Mb / 6P
   120W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
D-120 MEANWELL-D-120 Datasheet
453Kb / 2P
   120W Dual Output Switching Power Supply
HLG-120H MEANWELL-HLG-120H Datasheet
345Kb / 6P
   120W Single Output Switching Power Supply
T-120 MEANWELL-T-120_10 Datasheet
378Kb / 2P
   120W Triple Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com