Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS3360 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # LS3360
Description  T1(3mm) LED LAMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS3360 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  LS3360 Datasheet HTML 1Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
Semiconductor Group
2
1998-07-13
Streuung der Lichtstärke in einer Verpackungseinheit
I
V max / IV min ≤ 2.0.
Luminous intensity ratio in one packaging unit
I
V max / IV min ≤ 2.0.
Typ
Type
Emissionsfarbe
Color of
Emission
Gehäusefarbe
Color of
Package
Lichtstärke
Luminous
Intensity
I
F = 10 mA
I
V (mcd)
Bestellnummer
Ordering Code
LR 3360-DG
LR 3360-F
LR 3360-G
LR 3360-FJ
red
red diffused
0.4 … 3.2
1.0 … 2.0
1.6 … 3.2
1.0 … 8.0
Q62703-Q1316
Q62703-Q1317
Q62703-Q1318
Q62703-Q1319
LS 3360-HL
LS 3360-K
LS 3360-L
LS 3360-KN
super-red
red diffused
2.5 … 20.0
6.3 … 12.5
10.0 … 20.0
6.3 … 50.0
Q62703-Q1320
Q62703-Q1321
Q62703-Q1322
Q62703-Q1323
LO 3360-HL
LO 3360-K
LO 3360-L
LO 3360-JM
orange
orange diffused
2.5 ... 20.0
6.3 ... 12.5
10.0 ... 20.0
4.0 ... 32.0
Q62703-Q1887
Q62703-Q2400
Q62703-Q2596
Q62703-Q2410
LY 3360-HL
LY 3360-K
LY 3360-L
LY 3360-KN
yellow
yellow diffused
2.5 ... 20.0
6.3 ... 12.5
10.0 ... 20.0
6.3 ... 50.0
Q62703-Q1324
Q62703-Q1325
Q62703-Q1326
Q62703-Q1998
LG 3360-HL
LG 3360-J
LG 3360-K
LG 3360-L
LG 3360-KN
green
green diffused
2.5 ... 20.0
4.0 ... 8.0
6.3 ... 12.5
10.0 ... 20.0
6.3 ... 50.0
Q62703-Q3818
Q62703-Q1865
Q62703-Q2008
Q62703-Q3507
Q62703-Q3819
LP 3360-GK
LP 3360-H
LP 3360-J
LP 3360-HL
pure green
green diffused
1.6 ... 12.5
2.5 ... 5.0
4.0 ... 8.0
2.5 ... 20.0
Q62703-Q2467
Q62703-Q2914
Q62703-Q2915
Q62703-Q3213
LR 3360, LS 3360, LO 3360
LY 3360, LG 3360, LP 3360



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com