Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D-101-35 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # D-101-35
Description  SOLDERSLEEVE* DEVICE WITH PRE-INSTALLED LEAD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

D-101-35 Datasheet(HTML) 1 Page - PANDUIT CORP.

  D-101-35 Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION CONTROL DRAWING
THERMOFIT
DEVICES
TE connectivity
300 Constitution Drive
Menlo Park, CA 94025
USA
TITLE:
SOLDERSLEEVE* DEVICE
WITH PRE-INSTALLED LEAD
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE BETWEEN BRACKETS.
DOCUMENT NO.:
D-101-3X
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
TE Connectivity reserves the right to amend
this drawing at any time. Users should evaluate
the suitability of the product for their
application.
DCR NUMBER:
D981004
REPLACES:
D1013X
DRAWN BY:
M. FORONDA
DATE:
06/15/98
PROD. REV.
SEE TABLE
DOC ISSUE:
5
SCALE:
None
SIZE:
A
SHEET:
1 of 1
Print Date: 11-May-11 If this document is printed it becomes uncontrolled. Check for the latest revision
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent blue, radiation cross-linked polyvinylidene fluoride.
2. SOLDER PREFORM WITH FLUX:
SOLDER:
TYPE Sn63 per ANSI-J-STD-006.
FLUX:
TYPE ROL1 per ANSI-J-STD-004.
THERMAL INDICATOR: red.
3. MELTABLE RINGS: Thermally stabilized thermoplastic. Color:gray.
4. GROUND LEAD: Raychem 55A0111-XY in accordance with MIL-W-22759/32 AWG ‘XY’ (see table) stranded
tin plated copper. Color: see table.
APPLICATION
1. These parts are designed to provide an environment protected shield termination on cables, rated for 125
°C minimum, meeting the
dimensional criteria listed, having tin or silverplated copper shields.
2. Temperature range: -55
°C to +150°C.
Install using Raychem-approved convection or infrared heating tools in accordance with Raychem process standard RCPS-100-70.
For best results, prepare the cable as shown:
* A trademark of TE Connectivity.
‘XY’ = WIRE GAUGE (AWG)
Product Revision
Product Dimensions
Cable Dimensions
Product Name
L
max
øA
min
øB
min
K
min
AWG
øD
max
øE
min
J
±0.5
(J
±0.02)
Color of
Item 4
D-101-33
J
22
black
D-101-34
K
17.0
4.30
5.00
150
22
4.30
1.78
7.00
white
D-101-35
J
(0.670)
(0.170)
(0.200)
(5.900)
20
(0.170)
(0.070)
(0.275)
black
D-101-36
J
20
white


Similar Part No. - D-101-35

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D-101-31 PANDUIT-D-101-31 Datasheet
35Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
D-101-31-ND PANDUIT-D-101-31-ND Datasheet
35Kb / 1P
   SOLDERSLEEVE SHIELD TERMINATOR
More results

Similar Description - D-101-35

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D-103-33 PANDUIT-D-103-33 Datasheet
39Kb / 1P
   SOLDERSLEEVE* DEVICE WITH PRE-INSTALLED LEAD
logo
List of Unclassifed Man...
B-058-00 ETC2-B-058-00 Datasheet
43Kb / 1P
   SOLDERSLEEVE DEVICE WITH PRE-INSTALLED LEAD
logo
PANDUIT CORP.
D-181-1220-90 PANDUIT-D-181-1220-90 Datasheet
106Kb / 1P
   COAXIAL SOLDERSLEEVE DEVICE WITH PRE-INSTALLED LEAD
logo
Tyco Electronics
024278-000 MACOM-024278-000 Datasheet
118Kb / 1P
   COAXIAL SOLDERSLEEVE DEVICE WITH PRE-INSTALLED LEAD
logo
TE Connectivity Ltd
SO63-A-55-GA-CL TEC-SO63-A-55-GA-CL Datasheet
95Kb / 1P
   SOLDERSLEEVE DEVICE WITH PRE-INSTALLED LEAD IMMERSION RESISTANT
logo
Tyco Electronics
021174-000 MACOM-021174-000 Datasheet
106Kb / 1P
   SOLDERSLEEVE* DEVICE WITH PRE-INSTALLED LEAD IMMERSION RESISTANT
012361-000 MACOM-012361-000 Datasheet
106Kb / 1P
   SOLDERSLEEVE DEVICE WITH PRE-INSTALLED LEAD IMMERSION RESISTANT
2-1194763-7 MACOM-2-1194763-7 Datasheet
101Kb / 1P
   COAXIAL SOLDERSLEEVE* DEVICE WITH PRE-INSTALLED LEAD SOLID WIRES
logo
TE Connectivity Ltd
CWT-XX-W122-5 TEC-CWT-XX-W122-5 Datasheet
30Kb / 1P
   SOLDERSLEEVE TERMINATOR WITH PRE-INSTALLED LEAD
logo
Tyco Electronics
2-1194639-8 MACOM-2-1194639-8 Datasheet
100Kb / 1P
   COAXIAL SOLDERSLEEVE DEVICE WITH PRE-INSTALLED STRANDED WIRE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com