Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-008-13 Datasheet(PDF) 1 Page - Tyco Electronics

Part # B-008-13
Description  SOLDERSLEEVE* WIRE TO WIRE SPLICE, LOW TEMPERATURE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

B-008-13 Datasheet(HTML) 1 Page - Tyco Electronics

  B-008-13 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATION CONTROL DRAWING
Raychem
THERMOFIT
DEVICES
Raychem Corporation
300 Constitution Drive
Menlo Park, CA 94025
USA
TITLE:
SOLDERSLEEVE* WIRE TO WIRE SPLICE,
LOW TEMPERATURE
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS.
INCHES DIMENSIONS ARE IN BETWEEN BRACKETS.
DOCUMENT NO.:
B-008-1X
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS IN
MICRON
Raychem reserves the right to amend this
drawing at any time. Users should
evaluate the suitability of the product for
their application.
DCR NUMBER:
D981171
REPLACES:
D961365
DRAWN BY:
R. MAPALO
DATE:
06-29-98
REV.:
SEE TABLE
DOC ISSUE:
4
SCALE:
NONE
SIZE:
A
SHEET:
1 of 1
If this document is printed it becomes uncontrolled. Check for the latest revision.
Selection Guide
Product
Revisions
Size
Code
Color
Product
Dimensions
Wire
Gauge
AWG
Section
mm
2
Total
CMA
Total
mm
2
Wire
Dimensions
Part Name
A
min
L
max
min
max
min
max
min
max
min
max
B min
B max
C max
C min
B-008-11
C
Clear
1.7
(0.065)
26.0
(1.025)
2x26
2x24
2x0.15
2x0.4
450
1500
0.2
0.75
0.76
(0.03)
1.5
(0.06)
1.0
(0.039)
B-008-13
A
Red
2.3
(0.090)
31.0
(1.220)
2x22
2x18
2x0.4
2x1
1250
4000
0.6
2.0
1.5
(0.060)
2.3
(0.090)
1.8
(0.070)
B-008-14
A
Blue
4.3
(0.170)
36.0
(1.420)
2x18
2x12
2x1
2x2.5
3600
5000
1.8
2.5
2.0
(0.080)
4.3
(0.170)
2.3
(0.090)
B-008-15
B
Yellow
6.8
(0.268)
42.0
(1.660)
2x12
2x10
2x3
2x5
4800
9000
2.4
4.5
3.4
(0.135)
6.8
(0.270)
3.7
(0.145)
MATERIAL
1. INSULATION SLEEVE: Heat-shrinkable, radiation cross-linked modified polyolefin. Transparent grey.
2. SOLDER PREFORMS WITH FLUX: (Qty. 2 except for B-008-11Qty. 1).
SOLDER: TYPE Cd18 per ANSI J-STD-006.
FLUX:
TYPE ROL1 per ANSI J-STD-004.
3. & 4. MELTABLE RINGS: Thermally stabilized thermoplastic. Color: See Size Code.
APPLICATION
1. These controlled soldering devices ares designed to splice tin plated or bare copper wires rated for at least +85
°C.
2. Temperature range: -55
°C to +125°C.
3. Splices will meet performance requirements of Raychem Specification D-5023 when installed per RPIP 850-00.
STRIP LENGTH: 12.5 (.5)
*A trademark of Raychem Corporation.


Similar Part No. - B-008-13

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
B-008-51 MACOM-B-008-51 Datasheet
42Kb / 1P
   SPECIFICATION CONTROL DRAWING
B-008-52 MACOM-B-008-52 Datasheet
42Kb / 1P
   SPECIFICATION CONTROL DRAWING
B-008-53 MACOM-B-008-53 Datasheet
42Kb / 1P
   SPECIFICATION CONTROL DRAWING
More results

Similar Description - B-008-13

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
D-1744-01 PANDUIT-D-1744-01 Datasheet
89Kb / 1P
   SOLDERSLEEVE WIRE SPLICE
logo
Tyco Electronics
CWT-9001 MACOM-CWT-9001 Datasheet
95Kb / 1P
   SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LOW TEMPERATURE
logo
TE Connectivity Ltd
CWT-900X TEC-CWT-900X Datasheet
47Kb / 1P
   SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LOW TEMPERATURE
logo
Tyco Electronics
2-1194946-2 MACOM-2-1194946-2 Datasheet
137Kb / 1P
   SOLDERSLEEVE WIRE TERMINATOR
logo
TE Connectivity Ltd
B-155-90XX TEC-B-155-90XX Datasheet
45Kb / 1P
   SOLDERSLEEVE ONE-STEP WIRE TERMINATOR, LEAD-FREE LOW TEMPERATURE
logo
Tyco Electronics
358733-000 MACOM-358733-000 Datasheet
117Kb / 4P
   SolderSleeve Discrete Wire Terminators
logo
PANDUIT CORP.
D-142-50 PANDUIT-D-142-50 Datasheet
95Kb / 1P
   (105째C) SOLDERSLEEVE LOW TEMPERATURE
logo
List of Unclassifed Man...
321519 ETC1-321519 Datasheet
40Kb / 1P
   SPLICE, WIRE, CLOSED END
logo
Tyco Electronics
34067 MACOM-34067 Datasheet
49Kb / 1P
   WIRE SPLICE PLASTI GRIP, BUTT, WIRE SIZE
logo
List of Unclassifed Man...
34304 ETC1-34304 Datasheet
36Kb / 1P
   SPLICE, WIRE, CLOSED END
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com