Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-01-AT1F Datasheet(PDF) 2 Page - NEC

Part # B-01-AT1F
Description  DC Line Fileters
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

B-01-AT1F Datasheet(HTML) 2 Page - NEC

  B-01-AT1F Datasheet HTML 1Page - NEC B-01-AT1F Datasheet HTML 2Page - NEC B-01-AT1F Datasheet HTML 3Page - NEC B-01-AT1F Datasheet HTML 4Page - NEC B-01-AT1F Datasheet HTML 5Page - NEC B-01-AT1F Datasheet HTML 6Page - NEC B-01-AT1F Datasheet HTML 7Page - NEC B-01-AT1F Datasheet HTML 8Page - NEC B-01-AT1F Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
Classification of NEC TOKIN's EMI suppression parts ・・・・・・・3
DIP Type
Common Mode Power Line
SH Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・8
SHO Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・10
SBT-03W Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・11
Common Mode Signal Line
SBT-01W Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・12
Toroidal Cores with Wound Cables ・・・・・・・・・・・・・・・・・・・・・・13
DIP Noise Filters D-03C, 03C1, 05N1, 07C1, 08C2, 08C2A ・14
DIP Noise Filters D-16C ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・16
DIP Noise Filters D-37C, 40C, 42C, 45C, 47C ・・・・・・・・・・・・・17
DIP Noise Filters D-55C, 58C ・・・・・・・・・・・・・・・・・・・・・・・・・・・19
Common Mode for Telephone Sets
Noise Filters for Telephone Sets ST-101, 201, 202, 202S ・・・20
Noise Filters for Telephone Sets ST-101A, 201A, 202A ・・・・・21
Noise Filters for Telephone Sets ST-110AV, 110AH, 110BV, 110BH ・・22
Noise Filters for Telephone Sets ST-101F2, 101F4 ・・・・・・・・23
Noise Filters for Telephone Sets ST-104A4, 204A Series ・・・24
Normal Mode
SBT Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・25
SNT Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・26
Bead Inductors (Lead Type) ・・・・・・・・・・・・・・・・・・・・・・・・・・・・27
Bead Inductors(Winding Type) ・・・・・・・・・・・・・・・・・・・・・・・・・・30
EMC Filter
DFD Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・32
Tape and Reel Dimensions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・33
SMD Type
Common Mode Power Line
SBS9080 Series・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・34
SBP Series ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・35
DCM Series・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・36
Common Mode Signal Line
EMC Chip Filters M-500CT/M-600T Series・・・・・・・・・・・・・・・・38
Precautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・40
Tape and Reel Dimensions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・41
Contents
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2


Similar Part No. - B-01-AT1F

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B-01-A KEMET-B-01-A Datasheet
74Kb / 1P
   KEMET, BEAD L, DC Line Filters, Normal Mode
B-01-A1 KEMET-B-01-A1 Datasheet
79Kb / 1P
   KEMET, BEAD L, DC Line Filters, Normal Mode
B-01-A2 KEMET-B-01-A2 Datasheet
80Kb / 1P
   KEMET, BEAD L, DC Line Filters, Normal Mode
More results

Similar Description - B-01-AT1F

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM-50 CUI-VFM-50_V01 Datasheet
779Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-30-UW CUI-VFM-30-UW Datasheet
796Kb / 7P
   DC POWER LINE FILTER
VFM-30-UW CUI-VFM-30-UW_V01 Datasheet
863Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-03 CUI-VFM-03_V01 Datasheet
811Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-70 CUI-VFM-70_V01 Datasheet
776Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-30-W CUI-VFM-30-W Datasheet
793Kb / 7P
   DC POWER LINE FILTER
VFM-30-W CUI-VFM-30-W_V01 Datasheet
781Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-50-UW CUI-VFM-50-UW_V01 Datasheet
874Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-70 CUI-VFM-70 Datasheet
787Kb / 7P
   DC POWER LINE FILTER
VFM-03 CUI-VFM-03 Datasheet
1Mb / 7P
   DC POWER LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com