Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560B64L5 Datasheet(PDF) 107 Page - STMicroelectronics

Part # SPC560B64L5
Description  32-bit MCU family built on the Power Architecture® for automotive body electronics applications
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B64L5 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button SPC560B64L5 Datasheet HTML 103Page - STMicroelectronics SPC560B64L5 Datasheet HTML 104Page - STMicroelectronics SPC560B64L5 Datasheet HTML 105Page - STMicroelectronics SPC560B64L5 Datasheet HTML 106Page - STMicroelectronics SPC560B64L5 Datasheet HTML 107Page - STMicroelectronics SPC560B64L5 Datasheet HTML 108Page - STMicroelectronics SPC560B64L5 Datasheet HTML 109Page - STMicroelectronics SPC560B64L5 Datasheet HTML 110Page - STMicroelectronics SPC560B64L5 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 134 page
background image
SPC560B54/6x
Electrical characteristics
Doc ID 15131 Rev 6
107/134
VAINx
SR — Analog input voltage(3)
—
VSS_ADC1
–0.1
—
VDD_ADC1
+0.1
V
IADC1pwd
SR —
ADC_1 consumption in
power down mode
——
—
50
µA
IADC1run
SR —
ADC_1 consumption in
running mode
——
—
6
mA
fADC1
SR — ADC_1 analog frequency
VDD = 3.3 V
3.33
—
20 + 4%
MHz
VDD = 5 V
3.33
—
32 + 4%
tADC1_PU
SR — ADC_1 power up delay
—
—
—
1.5
µs
tADC1_S
CC T
Sampling time(4)
VDD = 3.3 V
fADC1 = 20 MHz,
INPSAMP = 12
600
—
—
ns
Samplingtime(4)
VDD = 5.0 V
fADC1 = 32 MHz,
INPSAMP = 17
500
—
—
Sampling time(4)
VDD = 3.3 V
fADC1 = 3.33 MHz,
INPSAMP = 255
——
76.2
µs
Sampling time(4)
VDD = 5.0 V
fADC1 = 3.33 MHz,
INPSAMP = 255
——
76.2
tADC1_C
CC P
Conversion time(5)
VDD =3 .3 V
fADC1 = 20 MHz,
INPCMP = 0
2.4
—
—
µs
Conversion time(5)
VDD = 5.0 V
fADC 1 = 32 MHz,
INPCMP = 0
1.5
—
—
µs
Conversion time(5)
VDD = 3.3 V
fADC 1 = 13.33 MHz,
INPCMP = 0
——
3.6
µs
Conversion time(5)
VDD = 5.0 V
fADC1 = 13.33 MHz,
INPCMP = 0
——
3.6
µs
ΔADC1_SYS SR —
ADC_1 digital clock duty
cycle
ADCLKSEL = 1(6)
45
—
55
%
CS
CC D
ADC_1 input sampling
capacitance
——
—
5
pF
CP1
CC D
ADC_1 input pin
capacitance 1
——
—
3
pF
CP2
CC D
ADC_1 input pin
capacitance 2
——
—
1
pF
CP3
CC D
ADC_1 input pin
capacitance 3
——
—
1.5
pF
RSW1
CC D
Internal resistance of
analog source
——
—
1
k
Ω
RSW2
CC D
Internal resistance of
analog source
——
—
2
k
Ω
Table 46.
ADC_1 conversion characteristics (12-bit ADC_1) (continued)
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com