Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC564L54L5 Datasheet(PDF) 152 Page - STMicroelectronics

Part # SPC564L54L5
Description  32-bit Power Architecture® microcontroller for automotive SIL3/ASILD chassis and safety applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564L54L5 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button SPC564L54L5 Datasheet HTML 148Page - STMicroelectronics SPC564L54L5 Datasheet HTML 149Page - STMicroelectronics SPC564L54L5 Datasheet HTML 150Page - STMicroelectronics SPC564L54L5 Datasheet HTML 151Page - STMicroelectronics SPC564L54L5 Datasheet HTML 152Page - STMicroelectronics SPC564L54L5 Datasheet HTML 153Page - STMicroelectronics SPC564L54L5 Datasheet HTML 154Page - STMicroelectronics SPC564L54L5 Datasheet HTML 155Page - STMicroelectronics SPC564L54L5 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 160 page
background image
Revision history
SPC56XL60/54
152/160
Doc ID 15457 Rev 8
23-Nov-2010
5
(continued)
In the “BCP68 board schematic example” figure, removed the resistor at the
base of the BCP68 transistor.
In the “DC electrical characteristics” table:
– Changed the guarantee parameter for IINJ (was P, is T).
– Added a specification for input leakage current for shared ADC input-only
ports.
Revised the “Flash memory module life” table.
In the “FMPLL electrical characteristics” table, revised the footnote defining
fSCM and fVCO.
In the “Main oscillator electrical characteristics” table:
– Changed the max specification for gmXOSCHS (was 11.8 mA/V, is 13.25
mA/V).
– Revised the conditions for TXOSCHSSU.
In the ‘RC oscillator electrical characteristics” table, deleted the specification
for
Δ
RCMTRIM.
Revised the “ADC conversion characteristics” table.
In the “RESET pin characteristics” section, changed “nRSTIN” to “RESET”.
Added the “Reset sequence” section.
Revised the footnotes in the “Nexus debug port timing” table.
Added the mechanical drawing for the 100-pin package.
In the “Order codes” table, added a footnote about frequency modulation to the
“Speed (MHz)” column heading.
23-Mar-2011
6
Editorial changes.
In the “Document overview” section, added information about how content
specific to silicon versions (“cut1” and “cut2”) is presented.
In the isometric miniature package drawings on the front page, removed the
third dimension.
Changed Symbol from P to D for “Conversion Time” in “ADC conversion
characteristics” table.
Added classification symbol “D” to seven entries in “Voltage regulator electrical
specifications“ table.
Removed irrelevant Flexcan specs.
Updated Table “Voltage Thresholds” to reference values specified in Table
“Voltage Regulator Electrical Specifications”.
RDY pin added for cut2.
In the “System pins” table, added a footnote about the MDO0 pad speed.
Updated Rsw1 values.
Added TUE-related spec information for single and double ADC channels.
Added AC Test Timing Conditions to the “AC timing characteristics” section.
Added a statement on the first page describing cut1 versus cut2.
Moved the first paragraph from the “Description” section to the beginning of the
“Document overview” section.
Changed pad speed from “M” to “SYM” for FlexRay pins in the “Pin Muxing”
table and added this pad type to the footnote.
Moved the newly added device current specification entries from the “DC
electrical characteristics“ table into a newly created “Supply current
characteristics“ table.
Table 44.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com