Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24LR64-R Datasheet(PDF) 127 Page - STMicroelectronics

Part # M24LR64-R
Description  64 Kbit EEPROM with password protection & dual interface: 400 kHz I²C serial bus & ISO 15693 RF protocol at 13.56 MHz
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24LR64-R Datasheet(HTML) 127 Page - STMicroelectronics

Back Button M24LR64-R_12 Datasheet HTML 120Page - STMicroelectronics M24LR64-R_12 Datasheet HTML 121Page - STMicroelectronics M24LR64-R_12 Datasheet HTML 122Page - STMicroelectronics M24LR64-R_12 Datasheet HTML 123Page - STMicroelectronics M24LR64-R_12 Datasheet HTML 124Page - STMicroelectronics M24LR64-R_12 Datasheet HTML 125Page - STMicroelectronics M24LR64-R_12 Datasheet HTML 126Page - STMicroelectronics M24LR64-R_12 Datasheet HTML 127Page - STMicroelectronics M24LR64-R_12 Datasheet HTML 128Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 127 / 128 page
background image
M24LR64-R
Revision history
Doc ID 15170 Rev 14
127/128
Revision history
Table 114.
Document revision history
Date
Revision
Changes
26-Feb-2010
8
Previous revisions: design and engineering phase.
Initial public release.
06-Apr-2010
9
Updated Section 28 and Section 29 following product
characterisation
24-Jun-2010
10
Added 8” wafer delivery form and update endurance on cover page.
Updated VCC overview and replaced diode by regulator in
Section 2.6: Supply voltage (VCC).
Removed RF address column from Table 6: Sector Security Status
Byte area and Table 14: System parameter sector.
Updated hSTG in Table 99: Absolute maximum ratings.
Added Table 111: Ordering information scheme for bare die devices.
09-Aug-2010
11
Updated Table 111: Ordering information scheme for bare die
devices.
02-Dec-2010
12
Updated ISO references under Features.
Updated Section 2.4: Antenna coil (AC0, AC1), Table 99: Absolute
maximum ratings and Table 105: RF characteristics.
Renamed Section 29 and Table 105.
Deleted Table 106 RF DC Characteristics.
27-Oct-2011
13
Updated footnote (2) of Table 105: RF characteristics.
05-Jan-2012
14
Modified Table 10: Password system area on page 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com