Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8310CGEB/V Datasheet(PDF) 115 Page - Wolfson Microelectronics plc

Part # WM8310CGEB/V
Description  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310CGEB/V Datasheet(HTML) 115 Page - Wolfson Microelectronics plc

Back Button WM8310CGEB/V Datasheet HTML 111Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 112Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 113Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 114Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 115Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 116Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 117Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 118Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 119Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 291 page
background image
Pre-Production
WM8310
w
PP, May 2012, Rev 3.1
115
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16457
(4049h)
Charger
Control 2
11:8
CHG_TIME
[3:0]
0110
Battery charger timeout
0000 = 60min
0001 = 90min
0010 = 120min
0011 = 150min
0100 = 180min
0101 = 210min
0110 = 240min
0111 = 270min
1000 = 300min
1001 = 330min
1010 = 360min
1011 = 390min
1100 = 420min
1101 = 450min
1110 = 480min
1111 = 510min
Protected by user key
R16458
(404Ah)
Charger Status
7:0
CHG_TIME_EL
APSED [7:0]
00h
Battery charger elapsed time
00h = 0min
01h = 2min
02h = 4min
03h = 6min
...
FFh = 510min
Table 59 Battery Charger Termination
The Battery Charger is associated with a number of Interrupt flags, as described in Section 17.7.8. If
battery charging is terminated due to the End of Charge current threshold being reached, then the
CHG_END_EINT interrupt is set. If battery charging is terminated due to the charge timeout, then the
charger will set the CHG_TO_EINT interrupt.
17.7.5
BATTERY CHARGE CURRENT MONITORING
The battery charge current can be monitored externally or internally. When the CHG_IMON_ENA bit
is set, then the WM8310 sources an output current at AUXADCIN1 which is proportional to the battery
charger current.
When a resistor is connected between AUXADCIN1 and GND, then the charge monitor current is
converted to a voltage which can be measured by the Auxiliary ADC. The recommended value of the
resistor is 10k
. Larger resistors may also be used in order to improve the measurement resolution,
but the voltage at AUXADCIN1 must not exceed 2.5V.
Note that the CHG_IMON_ENA register is locked by the WM8310 User Key. This register can only be
changed by writing the appropriate code to the Security register, as described in Section 12.4.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16456
(4048h)
Charger
Control 1
2
CHG_IMON_E
NA
0
Enable battery charge current monitor at
AUXADCIN1.
0 = Disabled
1 = Enabled
(Note - a resistor is required between
AUXADCIN1 and GND in order to
measure the charge current using the
AUXADC. The recommended resistor
value is 10k.)
Protected by user key
Table 60 Battery Charge Current Monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com