Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F205VC Datasheet(PDF) 168 Page - STMicroelectronics

Part # STM32F205VC
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205VC Datasheet(HTML) 168 Page - STMicroelectronics

Back Button STM32F205VC Datasheet HTML 164Page - STMicroelectronics STM32F205VC Datasheet HTML 165Page - STMicroelectronics STM32F205VC Datasheet HTML 166Page - STMicroelectronics STM32F205VC Datasheet HTML 167Page - STMicroelectronics STM32F205VC Datasheet HTML 168Page - STMicroelectronics STM32F205VC Datasheet HTML 169Page - STMicroelectronics STM32F205VC Datasheet HTML 170Page - STMicroelectronics STM32F205VC Datasheet HTML 171Page - STMicroelectronics STM32F205VC Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 177 page
background image
Revision history
STM32F20xxx
168/177
Doc ID 15818 Rev 9
25-Nov-2010
5
Update I/Os in Section : Features.
Added WLCSP66(64+2) package. Added note 1 related to LQFP176
on cover page.
Added trademark for
ART accelerator. Updated Section 2.2.2:
Adaptive real-time memory accelerator (ART Accelerator™).
Updated Figure 5: Multi-AHB matrix.
Added case of BOR inactivation using IRROFF on WLCSP devices in
Section 2.2.15: Power supply supervisor.
Reworked Section 2.2.16: Voltage regulator to clarify regulator off
modes. Renamed PDROFF, IRROFF in the whole document.
Added Section 2.2.19: VBAT operation.
Updated LIN and IrDA features for UART4/5 in Table 5: USART feature
comparison.
Table 6: STM32F20x pin and ball definitions: Modified VDD_3 pin, and
added note related to the FSMC_NL pin; renamed BYPASS-REG
REGOFF, and add IRROFF pin; renamed USART4/5 UART4/5.
USART4 pins renamed UART4.
Changed VSS_SA to VSS, and VDD_SA pin reserved for future use.
Updated maximum HSE crystal frequency to 26 MHz.
Section 5.2: Absolute maximum ratings: Updated VIN minimum and
maximum values and note related to five-volt tolerant inputs in Table 9:
Voltage characteristics. Updated IINJ(PIN) maximum values and related
notes in Table 10: Current characteristics.
Updated VDDA minimum value in Table 12: General operating
conditions.
Added Note 2 and updated Maximum CPU frequency in Table 13:
Limitations depending on the operating power supply range, and
added Figure 19: Number of wait states versus fCPU and VDD range.
Added brownout level 1, 2, and 3 thresholds in Table 17: Embedded
reset and power control block characteristics.
Changed fOSC_IN maximum value in Table 28: HSE 4-26 MHz oscillator
characteristics.
Changed fPLL_IN maximum value in Table 32: Main PLL characteristics,
and updated jitter parameters in Table 33: PLLI2S (audio PLL)
characteristics.
Section 5.3.16: I/O port characteristics: updated VIH and VIL in
Table 44: I/O static characteristics.
Added Note 1 below Table 45: Output voltage characteristics.
Updated RPD and RPU parameter description in Table 55: USB OTG
FS DC electrical characteristics.
Updated VREF+ minimum value in Table 64: ADC characteristics.
Updated Table 69: Embedded internal reference voltage.
Removed Ethernet and USB2 for 64-pin devices in Table 93: Main
applications versus package for STM32F2xxx microcontrollers.
Added A.2: Application example with regulator OFF, removed “OTG
FS connection with external PHY” figure, updated Figure 87,
Figure 88, and Figure 90 to add STULPI01B.
Table 94.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com