Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F205VC Datasheet(PDF) 174 Page - STMicroelectronics

Part # STM32F205VC
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205VC Datasheet(HTML) 174 Page - STMicroelectronics

Back Button STM32F205VC Datasheet HTML 169Page - STMicroelectronics STM32F205VC Datasheet HTML 170Page - STMicroelectronics STM32F205VC Datasheet HTML 171Page - STMicroelectronics STM32F205VC Datasheet HTML 172Page - STMicroelectronics STM32F205VC Datasheet HTML 173Page - STMicroelectronics STM32F205VC Datasheet HTML 174Page - STMicroelectronics STM32F205VC Datasheet HTML 175Page - STMicroelectronics STM32F205VC Datasheet HTML 176Page - STMicroelectronics STM32F205VC Datasheet HTML 177Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 174 / 177 page
background image
Revision history
STM32F20xxx
174/177
Doc ID 15818 Rev 9
24-Apr-2012
9
(continued)
Removed support of I2C for OTG PHY in Section 2.2.29: Universal
serial bus on-the-go high-speed (OTG_HS).
Removed OTG_HS_SCL, OTG_HS_SDA, OTG_FS_INTN in Table 6:
STM32F20x pin and ball definitions and Table 8: Alternate function
mapping.
Renamed PH10 alternate function into TIM5_CH1 in Table 8: Alternate
function mapping.
Added Table 7: FSMC pin definition.
Updated Note 1 in Table 12: General operating conditions, Note 2 in
Table 13: Limitations depending on the operating power supply range,
and Note 1 below Figure 19: Number of wait states versus fCPU and
VDD range.
Updated VPOR/PDR in Table 17: Embedded reset and power control
block characteristics.
Updated typical values in Table 22: Typical and maximum current
consumptions in Standby mode and Table 23: Typical and maximum
current consumptions in VBAT mode.
Updated Table 28: HSE 4-26 MHz oscillator characteristics and
Table 29: LSE oscillator characteristics (fLSE = 32.768 kHz).
Updated Table 35: Flash memory characteristics, Table 36: Flash
memory programming, and Table 37: Flash memory programming with
VPP.
Updated Section : Output driving current.
Updated Note 3 and removed note related to minimum hold time value
in Table 50: I2C characteristics.
Updated Table 62: Dynamics characteristics: Ethernet MAC signals for
RMII.
Updated Note 1, CADC, IVREF+, and IVDDA in Table 64: ADC
characteristics.
Updated Note 3 and note concerning ADC accuracy vs. negative
injection current in Table 65: ADC accuracy.
Updated Note 1 in Table 66: DAC characteristics.
Updated Section Figure 83.: UFBGA176+25 - ultra thin fine pitch ball
grid array 10 × 10 × 0.6 mm, package outline.
Appendix A.1: Main applications versus package: removed number of
address lines for FSMC/NAND in Table 93: Main applications versus
package for STM32F2xxx microcontrollers.
Appendix A.5: Complete audio player solutions: updated Figure 90:
Complete audio player solution 1 and Figure 91: Complete audio
player solution 2.
Table 94.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com