Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBMM25SF Datasheet(PDF) 108 Page - ITT Industries

Part # DBMM25SF
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMM25SF Datasheet(HTML) 108 Page - ITT Industries

Back Button DBMM25SF Datasheet HTML 104Page - ITT Industries DBMM25SF Datasheet HTML 105Page - ITT Industries DBMM25SF Datasheet HTML 106Page - ITT Industries DBMM25SF Datasheet HTML 107Page - ITT Industries DBMM25SF Datasheet HTML 108Page - ITT Industries DBMM25SF Datasheet HTML 109Page - ITT Industries DBMM25SF Datasheet HTML 110Page - ITT Industries DBMM25SF Datasheet HTML 111Page - ITT Industries DBMM25SF Datasheet HTML 112Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
107
D Subminiature
Filter D
D*JT Filter Performance
D*JT Electrical Data
Voltage rating (working)
200 VDC/120 Vrms, 400 Hz
Current rating
5 A (Size 20 contacts), 30 A (Size 8 contacts)
Insulation resistance,
electrification time 30 s, temperature 25
°C
10,000 M
min./100 V
Dielectric Withstanding Voltage (Sea Level)
500 micro amps max. charge/discharge
500 VDC
Filter type C
Capacitor
Filter symbol per DIN
Filter designation
9546123
Capacitance, type
at 1 KHz, 0,1 Vrms, 25
°C
47000 pF
5000 pF
2000 pF
1500 pF
1000 pF
500 pF
250 pF
Frequency
MHz
Attenuation
db min.
Attenuation
db min.
Attenuation
db min.
Attenuation
db min.
Attenuation
db min.
Attenuation
db min.
Attenuation
db min.
5
30
1163
—
—
—
10
37
16
107521
100
50
35
27
23
20
16
14
1000
45
54
48
46
42
37
35
2000
—
64
60
—
60
60
60
5000
—
64
64
—
64
64
64
Attenuation per MIL-STD-220 at 25
°C with no applied voltage or current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com