Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEM9SF Datasheet(PDF) 212 Page - ITT Industries

Part # DEM9SF
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9SF Datasheet(HTML) 212 Page - ITT Industries

Back Button DEM9SF Datasheet HTML 208Page - ITT Industries DEM9SF Datasheet HTML 209Page - ITT Industries DEM9SF Datasheet HTML 210Page - ITT Industries DEM9SF Datasheet HTML 211Page - ITT Industries DEM9SF Datasheet HTML 212Page - ITT Industries DEM9SF Datasheet HTML 213Page - ITT Industries DEM9SF Datasheet HTML 214Page - ITT Industries DEM9SF Datasheet HTML 215Page - ITT Industries DEM9SF Datasheet HTML 216Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
211
D Subminiature Accessories
Locking Hardware
Slide Lock Post Assemblies
Kit consists of 1 post, 2 washers, 1 lock
washer, 1 hex nut
Order 2 kits per connector
Ø 5,54(.218)
1,52 (.060)
MAX
1,85(.073)
MAX
3,02(.119)
MAX
4,78
± 0,08
(.118
± .003)
4,37
± 0,13
(.172
± .005)
2,44
± 0,08
(.096
± .003)
3,63
± 0,08
(.143
± .003)
Ø
Ø
Ø
Ø
Slide Lock Post for High Volume Applications
Order 2 per connector
Tool required for installation. See this page.
Materials and Finishes
Material:
Stainless Steel
Treatment:
Passivated
NOTE: Not suitable for rear panel mounting
Tool for High Volume Applications
Part Number:
D53018
Materials and Finishes
Material:
Steel
Finish:
Yellow Chromate over
Cadmium or Zinc
NOTE: When rear-mounting connector to a 1/16 panel, delete the 2 washers.
Part Number:
980-2000-860
Panel Thickness:
1,09-0,91 (.043-.036)
Part Number:
995-2000-092
(ACROSS FLATS)
10,57
± 0,25
(.416
± .010)
4,60 (.180) HEX
#4-40
NUT, HEX
WASHER, LOCK
WASHER
POST
2,59
± 0,13
(.102
± .005)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com