Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMM15P Datasheet(PDF) 130 Page - ITT Industries

Part # DAMM15P
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMM15P Datasheet(HTML) 130 Page - ITT Industries

Back Button DAMM15P Datasheet HTML 126Page - ITT Industries DAMM15P Datasheet HTML 127Page - ITT Industries DAMM15P Datasheet HTML 128Page - ITT Industries DAMM15P Datasheet HTML 129Page - ITT Industries DAMM15P Datasheet HTML 130Page - ITT Industries DAMM15P Datasheet HTML 131Page - ITT Industries DAMM15P Datasheet HTML 132Page - ITT Industries DAMM15P Datasheet HTML 133Page - ITT Industries DAMM15P Datasheet HTML 134Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
129
D Subminiature
Filter D
D*JT Combo — High Power Solder Cup
Receptacle
Reader’s Resource
For contact cavity arrangements,
see page 223.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
Part Numbers
Filter
Capacitance
Through Hole
Clinch Nut
#4-40 UNC
Clinch Nut
M3
1000 pF
DAJT3W3S1
DAJTE3W3S1
DAJTX3W3S1
1500 pF
DAJT3W3S6
DAJTE3W3S6
DAJTX3W3S6
5000 pF
DAJT3W3S5
DAJTE3W3S5
DAJTX3W3S5
47000 pF
DAJT3W3S9
DAJTE3W3S9
DAJTX3W3S9
Note: For performance class 1 add -A190. Example: DAJT3W3S6-A190
Part Numbers — Keyed Configuration
Filter
Capacitance
Through Hole
Clinch Nut
#4-40 UNC
Clinch Nut
M3
1000 pF
DAJT3WK3S1
DAJTE3WK3S1
DAJTX3WK3S1
1500 pF
DAJT3WK3S6
DAJTE3WK3S6
DAJTX3WK3S6
5000 pF
DAJT3WK3S5
DAJTE3WK3S5
DAJTX3WK3S5
47000 pF
DAJT3WK3S9
DAJTE3WK3S9
DAJTX3WK3S9
Note: For performance class 1 add -A190. Example: DAJT3WK3S6-A190
For electrical data, see page 107.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Engaging Face
L
W
F
Keyed Configuration
Engaging Face
A1
A3
E
C
A
B
D
10
°
Ø 3,05 (.120)
Ø 3,63 (.143)
15,90
± 0,50
(.626
± .011)
A1
A3
E
C
A
B
D
10
°
Ø 3,05 (.120)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com