Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41594B Datasheet(PDF) 248 Page - Microchip Technology

Part # 41594B
Description  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B Datasheet(HTML) 248 Page - Microchip Technology

Back Button 41594B Datasheet HTML 244Page - Microchip Technology 41594B Datasheet HTML 245Page - Microchip Technology 41594B Datasheet HTML 246Page - Microchip Technology 41594B Datasheet HTML 247Page - Microchip Technology 41594B Datasheet HTML 248Page - Microchip Technology 41594B Datasheet HTML 249Page - Microchip Technology 41594B Datasheet HTML 250Page - Microchip Technology 41594B Datasheet HTML 251Page - Microchip Technology 41594B Datasheet HTML 252Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 372 page
background image
P
9
8
7
6
5
D0
D1
D2
D3
D4
D5
D6
D7
S
A7 A6 A5 A4 A3 A2 A1
SDA
SCL
12
3
4
5
6
7
8
9
12
3
4
5
67
8
9
12
3
4
Bus master
terminates
transfer
ACK
Receiving Data from Slave
Receiving Data from Slave
D0
D1
D2
D3
D4
D5
D6
D7
ACK
R/W
Transmit Address to Slave
SSP1IF
BF
ACK is not sent
Write to SSP1CON2<0>(SEN = 1),
Write to SSP1BUF occurs here,
ACK from Slave
Master configured as a receiver
by programming SSP1CON2<3> (RCEN = 1)
PEN bit = 1
written here
Data shifted in on falling edge of CLK
Cleared by software
start XMIT
SEN = 0
SSP1OV
SDA = 0, SCL = 1
while CPU
(SSP1STAT<0>)
ACK
Cleared by software
Cleared by software
Set SSP1IF interrupt
at end of receive
Set P bit
(SSP1STAT<4>)
and SSP1IF
Cleared in
software
ACK from Master
Set SSP1IF at end
Set SSP1IF interrupt
at end of Acknowledge
sequence
Set SSP1IF interrupt
at end of Acknow-
ledge sequence
of receive
Set ACKEN, start Acknowledge sequence
SSP1OV is set because
SSP1BUF is still full
SDA = ACKDT = 1
RCEN cleared
automatically
RCEN = 1, start
next receive
Write to SSP1CON2<4>
to start Acknowledge sequence
SDA = ACKDT (SSP1CON2<5>) = 0
RCEN cleared
automatically
responds to SSP1IF
ACKEN
begin Start condition
Cleared by software
SDA = ACKDT = 0
Last bit is shifted into SSP1SR and
contents are unloaded into SSP1BUF
RCEN
Master configured as a receiver
by programming SSP1CON2<3> (RCEN = 1)
RCEN cleared
automatically
ACK from Master
SDA\ = ACKDT = 0
RCEN cleared
automatically



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com