Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41594B Datasheet(PDF) 112 Page - Microchip Technology

Part # 41594B
Description  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B Datasheet(HTML) 112 Page - Microchip Technology

Back Button 41594B Datasheet HTML 108Page - Microchip Technology 41594B Datasheet HTML 109Page - Microchip Technology 41594B Datasheet HTML 110Page - Microchip Technology 41594B Datasheet HTML 111Page - Microchip Technology 41594B Datasheet HTML 112Page - Microchip Technology 41594B Datasheet HTML 113Page - Microchip Technology 41594B Datasheet HTML 114Page - Microchip Technology 41594B Datasheet HTML 115Page - Microchip Technology 41594B Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 372 page
background image
PIC12LF1840T48A
DS41594B-page 112
Preliminary
 2011-2012 Microchip Technology Inc.
12.2.2
PORTA FUNCTIONS AND OUTPUT
PRIORITIES
Each PORTA pin is multiplexed with other functions. The
pins, their combined functions and their output priorities
are briefly described here. For additional information,
refer to the appropriate section in this data sheet.
When multiple outputs are enabled, the actual pin
control goes to the peripheral with the lowest number in
the following lists.
Analog input functions, such as ADC, comparator and
CapSense inputs, are not shown in the priority lists.
These inputs are active when the I/O pin is set for
Analog mode using the ANSELx registers. Digital
output functions may control the pin when it is in Analog
mode with the priority shown below.
RA0
1.
ICSPDAT
2.
ICDDAT
3.
DACOUT (DAC)
4.
MDOUT
5.
TX/CK (EUSART)
6.
SDO
7.
P1B
RA1
1.
ICSPCLK
2.
ICDCLK
3.
SCL
4.
RX/DT (EUSART)
5.
SCK
RA2
1.
SRQ
2.
C1OUT (Comparator)
3.
SDA
4.
CCP1/P1A
RA3
No output priorities. Input only pin.
RA4
1.
OSC2
2.
CLKOUT
3.
T1OSO
4.
CLKR
5.
TX/CK
6.
SDO
7.
P1B
RA5
1.
OSC1
2.
T1OSI (Timer1 Oscillator)
3.
SRNQ
4.
RX/DT
5.
CCP1/P1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com